Electronic Components Datasheet Search
  English  ▼

X  

BD1754HFN Datasheet(PDF) 1 Page - Rohm

Part # BD1754HFN
Description  Constant Current LED Driver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD1754HFN Datasheet(HTML) 1 Page - Rohm

  BD1754HFN_15 Datasheet HTML 1Page - Rohm BD1754HFN_15 Datasheet HTML 2Page - Rohm BD1754HFN_15 Datasheet HTML 3Page - Rohm BD1754HFN_15 Datasheet HTML 4Page - Rohm BD1754HFN_15 Datasheet HTML 5Page - Rohm BD1754HFN_15 Datasheet HTML 6Page - Rohm BD1754HFN_15 Datasheet HTML 7Page - Rohm BD1754HFN_15 Datasheet HTML 8Page - Rohm BD1754HFN_15 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
○Product structure:Silicon monolithic integrated circuit ○This product has no designed protection against radioactive rays
1/17
TSZ02201-0G3G0C200060-1-2
10.Dec.2015 Rev.002
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・14・001
Constant Current LED Driver
with 64 Dimming Steps for up to 4 LEDs
BD1754HFN
General Description
BD1754HFN is a multi-level brightness control LED
Driver that works as a constant current driver with 64
steps, so that the driving current can be adjusted finely.
BD1754HFN is best suited to turn ON LEDs that require
high-accuracy LED brightness control.
Features
 Current Regulation for up to 4 Parallel LEDs
 Adjustable Constant Current with 64 Steps
 High Accuracy and Good Matching of each Current
Channel (0.5% Typ)
 Brightness Control Via Single-Line Digital Control
Interface (Uni-Port Interface Control = UPIC)
Applications
This driver can be used in various applications such as
mobile phones, portable game consoles and etc.
Typical Application Circuit
Key Specification
 Operating Power Supply Voltage Range:
2.7V to 5.5V
 Quiescent Current:
0.1μA (Typ)
 Operating Temperature Range:
-30°C to +85 °C
Package
W(Typ) x D(Typ) x H(Max)
BD1754HFN
IN
ISET
GND
EN
L4
L3
L2
L1
Power Supply
0.1µF
120k
Ω
(When ILED-max =32mA)
CIN
RISET
HSON8
2.90mm x 3.00mm x 0.60mm
Datasheet
Datasheet


Similar Part No. - BD1754HFN_15

ManufacturerPart #DatasheetDescription
logo
Rohm
BD1754HFN ROHM-BD1754HFN_12 Datasheet
379Kb / 19P
   Constant Current LED Driver with 64 Dimming Steps for up to 4 LEDs
More results

Similar Description - BD1754HFN_15

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7618 SIPEX-SP7618 Datasheet
408Kb / 10P
   Constant Current LED Driver
logo
Texas Instruments
TPS61042 TI-TPS61042 Datasheet
552Kb / 20P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER
logo
Diodes Incorporated
AL5890 DIODES-AL5890 Datasheet
824Kb / 17P
   Constant Current LED Driver
logo
First Silicon Co., Ltd
FC2082G FS-FC2082G Datasheet
1Mb / 12P
   LED CONSTANT CURRENT DRIVER
logo
DIWELL Electronics Co.,...
SLE-24 DIWELL-SLE-24 Datasheet
418Kb / 9P
   Constant Current LED Driver
2012/07/19
CALE-48 DIWELL-CALE-48 Datasheet
444Kb / 7P
   Constant Current LED Driver
2016/09/23
logo
Texas Instruments
TPS61043 TI-TPS61043 Datasheet
516Kb / 21P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER
logo
ON Semiconductor
CAT4004A ONSEMI-CAT4004A_11 Datasheet
165Kb / 11P
   Constant Current LED Driver
June, 2011 ??Rev. 2
logo
Protek Devices
PA5110 PROTEC-PA5110 Datasheet
178Kb / 7P
   Constant Current LED Driver.
logo
DIWELL Electronics Co.,...
CLE-12 DIWELL-CLE-12 Datasheet
1Mb / 8P
   Constant Current LED Driver
2016/09/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com