Electronic Components Datasheet Search
  English  ▼

X  

BD1754HFN Datasheet(PDF) 11 Page - Rohm

Part # BD1754HFN
Description  Constant Current LED Driver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD1754HFN Datasheet(HTML) 11 Page - Rohm

Back Button BD1754HFN_15 Datasheet HTML 7Page - Rohm BD1754HFN_15 Datasheet HTML 8Page - Rohm BD1754HFN_15 Datasheet HTML 9Page - Rohm BD1754HFN_15 Datasheet HTML 10Page - Rohm BD1754HFN_15 Datasheet HTML 11Page - Rohm BD1754HFN_15 Datasheet HTML 12Page - Rohm BD1754HFN_15 Datasheet HTML 13Page - Rohm BD1754HFN_15 Datasheet HTML 14Page - Rohm BD1754HFN_15 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11/17
BD1754HFN
Datasheet
TSZ02201-0G3G0C200060-1-2
10.Dec.2015 Rev.002
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
(5) Circuit example when driving a large current with only one LED powered ON.
IN
ISET
GND
Current
DAC
UPIC
6
EN
L2
L1
0.1µF
L4
L3
(When
ILED-max=32mA)
120k
Ω
ILED=128mA
CIN
RISET
Figure 17. Circuit Example when Driving a Large Current with only one LED Powered ON.
This figure shows a circuit example when driving a large current through all of four channels with only one LED
powered ON. By shorting out all the LED driver pins, in the example of using 120 k
Ω RISET, a current up to 128 mA (32
mA x 4) can be driven. In this example, the brightness can be adjusted in 64 gradations with 2 mA step (0.5 mA
step/channel x 4 channels). For higher current values, using 60 kΩ RISET allows a current up to 256 mA to be driven
into one of the LEDs. The power ON/OFF and the brightness of the LEDs are controlled through the EN pin in
accordance with the UPIC format.
(6) Circuit example when making the eight LEDs available by connecting the two BD1754HFN drivers
IN
ISET
GND
Current
DAC
UPIC
6
EN
L2
L1
0.1µF
L4
L3
(When
ILED-max=32mA)
120k
Ω
ILED=32mA
IN
ISET
GND
Current
DAC
UPIC
6
EN
L2
L1
L4
L3
(When
ILED-max=32mA)
120k
Ω
ILED=32mA
0.1µF
CIN
RISET
CIN
RISET
Figure 18. Circuit Example when Making the Eight LEDs Available by Connecting the Two BD1754HFN Drivers
This figure shows a circuit example when making eight LEDs available by connecting two BD1754HFN drivers.
By connecting the control signals to the EN pins in parallel, the eight LED channels can be controlled concurrently.
This parallel connection scheme can increase the number of the LED channels further as necessary (such as twelve,
sixteen, or more). Determine the resistance value with which the LED current value is maximized and then connect
such resistor between the ISET and the GND pins. The power ON/OFF and the brightness of the LEDs are controlled
through the EN pin in accordance with the UPIC format.


Similar Part No. - BD1754HFN_15

ManufacturerPart #DatasheetDescription
logo
Rohm
BD1754HFN ROHM-BD1754HFN_12 Datasheet
379Kb / 19P
Constant Current LED Driver with 64 Dimming Steps for up to 4 LEDs
More results

Similar Description - BD1754HFN_15

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7618 SIPEX-SP7618 Datasheet
408Kb / 10P
Constant Current LED Driver
logo
Texas Instruments
TPS61042 TI-TPS61042 Datasheet
552Kb / 20P
CONSTANT CURRENT LED DRIVER
logo
Diodes Incorporated
AL5890 DIODES-AL5890 Datasheet
824Kb / 17P
Constant Current LED Driver
logo
First Silicon Co., Ltd
FC2082G FS-FC2082G Datasheet
1Mb / 12P
LED CONSTANT CURRENT DRIVER
logo
DIWELL Electronics Co.,...
SLE-24 DIWELL-SLE-24 Datasheet
418Kb / 9P
Constant Current LED Driver
2012/07/19
CALE-48 DIWELL-CALE-48 Datasheet
444Kb / 7P
Constant Current LED Driver
2016/09/23
logo
Texas Instruments
TPS61043 TI-TPS61043 Datasheet
516Kb / 21P
CONSTANT CURRENT LED DRIVER
logo
ON Semiconductor
CAT4004A ONSEMI-CAT4004A_11 Datasheet
165Kb / 11P
Constant Current LED Driver
June, 2011 ??Rev. 2
logo
Protek Devices
PA5110 PROTEC-PA5110 Datasheet
178Kb / 7P
Constant Current LED Driver.
logo
DIWELL Electronics Co.,...
CLE-12 DIWELL-CLE-12 Datasheet
1Mb / 8P
Constant Current LED Driver
2016/09/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com