Electronic Components Datasheet Search
  English  ▼

X  

BD1754HFN Datasheet(PDF) 12 Page - Rohm

Part # BD1754HFN
Description  Constant Current LED Driver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD1754HFN Datasheet(HTML) 12 Page - Rohm

Back Button BD1754HFN_15 Datasheet HTML 8Page - Rohm BD1754HFN_15 Datasheet HTML 9Page - Rohm BD1754HFN_15 Datasheet HTML 10Page - Rohm BD1754HFN_15 Datasheet HTML 11Page - Rohm BD1754HFN_15 Datasheet HTML 12Page - Rohm BD1754HFN_15 Datasheet HTML 13Page - Rohm BD1754HFN_15 Datasheet HTML 14Page - Rohm BD1754HFN_15 Datasheet HTML 15Page - Rohm BD1754HFN_15 Datasheet HTML 16Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
12/17
BD1754HFN
Datasheet
TSZ02201-0G3G0C200060-1-2
10.Dec.2015 Rev.002
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
(7) Circuit example when connecting the two LEDs to each of the channels in series
IN
ISET
GND
Current
DAC
UPIC
6
EN
L4
L3
L2
L1
Power Supply2=6.2V to 7V
0.1µF
120k
Ω
The voltage value of L* pin must
be VIN-1.4 V at the maximum
when the LED is powered ON.
Power Supply1
(When ILED-max=32mA)
(Maximum rating = 7.0 V)
On the assumption that VF is 3 V
(Ex.)
Figure 19. Circuit example when connecting the two LEDs to each of the channels in series
This figure shows a circuit example when making 8 (2 x 4) LEDs available by connecting two LEDs to each of the
channels in series. In this example, when VF is set to approx. 3 V in order to ensure the voltage to L1 through L4 pins,
it is necessary to apply a voltage of 6.2 V (3 V x 2 LEDs in series + 0.2 V of the minimum voltage value of the driver
pin) or higher to the LED anode pin as its power supply voltage. Pay attention that the voltage should not exceed the
7.0-V maximum rating of the L1 through L4 pins. Determine the resistance value with which the LED current value is
maximized and then connect such resistor between the ISET and the GND pins. The power ON/OFF and the
brightness of the LEDs are controlled through the EN pin in accordance with the UPIC format.
3. Selection of Components Externally Connected
<Capacitor>
Symbol
Recommended Value
Recommended Component
Manufacturer
CIN
0.1µF
GRM188B31H104KA92B
MURATA
<Resistor>
Symbol
Recommended Value
Recommended Component
Manufacturer
RISET
120kΩ
MCR10PZHZF1203
ROHM
4. Recommended PCB Layout
Design PCB pattern to provide low impedance for the wiring to the power supply line.
Also, provide a bypass capacitor if needed.
Figure 20. Layout Image of the Application Components (Top View)
Figure 21. Surface (Top View)
<Heat radiation PAD of back side>
PAD is used for improving the efficiency of IC heat radiation. Solder PAD to GND pin.
Moreover, connect ground plane (GND) of board using via as shown in the patterns of next page.
The efficiency of heat radiation improves according to the area of ground plane (GND).
L4
L2
L1
L3
EN
ISET
IN
GND
EN
GND
CIN
RISET
LED_PWR
IN
LED_PWR
EN
GND
IN
RISET
Connect
CIN
input-bypass
capacitor
in
close
proximity
between the IN and GND pins.
Connect the RISET resistor in
close proximity to the ISET pin.


Similar Part No. - BD1754HFN_15

ManufacturerPart #DatasheetDescription
logo
Rohm
BD1754HFN ROHM-BD1754HFN_12 Datasheet
379Kb / 19P
Constant Current LED Driver with 64 Dimming Steps for up to 4 LEDs
More results

Similar Description - BD1754HFN_15

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7618 SIPEX-SP7618 Datasheet
408Kb / 10P
Constant Current LED Driver
logo
Texas Instruments
TPS61042 TI-TPS61042 Datasheet
552Kb / 20P
CONSTANT CURRENT LED DRIVER
logo
Diodes Incorporated
AL5890 DIODES-AL5890 Datasheet
824Kb / 17P
Constant Current LED Driver
logo
First Silicon Co., Ltd
FC2082G FS-FC2082G Datasheet
1Mb / 12P
LED CONSTANT CURRENT DRIVER
logo
DIWELL Electronics Co.,...
SLE-24 DIWELL-SLE-24 Datasheet
418Kb / 9P
Constant Current LED Driver
2012/07/19
CALE-48 DIWELL-CALE-48 Datasheet
444Kb / 7P
Constant Current LED Driver
2016/09/23
logo
Texas Instruments
TPS61043 TI-TPS61043 Datasheet
516Kb / 21P
CONSTANT CURRENT LED DRIVER
logo
ON Semiconductor
CAT4004A ONSEMI-CAT4004A_11 Datasheet
165Kb / 11P
Constant Current LED Driver
June, 2011 ??Rev. 2
logo
Protek Devices
PA5110 PROTEC-PA5110 Datasheet
178Kb / 7P
Constant Current LED Driver.
logo
DIWELL Electronics Co.,...
CLE-12 DIWELL-CLE-12 Datasheet
1Mb / 8P
Constant Current LED Driver
2016/09/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com