Electronic Components Datasheet Search
  English  ▼

X  

BD1754HFN Datasheet(PDF) 2 Page - Rohm

Part # BD1754HFN
Description  Constant Current LED Driver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD1754HFN Datasheet(HTML) 2 Page - Rohm

  BD1754HFN_15 Datasheet HTML 1Page - Rohm BD1754HFN_15 Datasheet HTML 2Page - Rohm BD1754HFN_15 Datasheet HTML 3Page - Rohm BD1754HFN_15 Datasheet HTML 4Page - Rohm BD1754HFN_15 Datasheet HTML 5Page - Rohm BD1754HFN_15 Datasheet HTML 6Page - Rohm BD1754HFN_15 Datasheet HTML 7Page - Rohm BD1754HFN_15 Datasheet HTML 8Page - Rohm BD1754HFN_15 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2/17
BD1754HFN
Datasheet
TSZ02201-0G3G0C200060-1-2
10.Dec.2015 Rev.002
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
Absolute Maximum Ratings (Ta = 25°C)
Parameter
Symbol
Rating
Unit
Maximum Applied Voltage
VMAX
7
V
Power Dissipation
Pd
0.63 (Note 1)
W
Operating Temperature Range
Topr
-30 to +85
°C
Storage Temperature Range
Tstg
-55 to +150
°C
(Note 1) When mounted on a glass epoxy board (70 mm x 70 mm x 1.6 mm). Derate by 5.04 mW/°C for Ta higher than 25 °C.
Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is operated over the absolute maximum
ratings.
Recommended Operating Conditions (Ta = -30°C to +85°C)
Parameter
Symbol
Rating
Unit
Conditions
Min
Typ
Max
Operating Power Supply Voltage
VIN
2.7
3.6
5.5
V
Driver Pin Voltage Range
VDRV
0.2
-
VIN-1.4
V
When Current driver power ON.
Electrical Characteristics (Unless otherwise specified, Ta = 25°C and VIN = 3.6V)
Parameter
Symbol
Limit
Unit
Conditions
Min
Typ
Max
Quiescent Current
IQ
-
0.1
1
μA
VEN=0V
Circuit Current
IDD
-
1.2
2.0
mA
Except LED current
[Current Driver]
Maximum Current
ILED-MAX
29.76
32.0
34.24
mA
RISET
= 120kΩ
LED Current Accuracy
ILED-diff
-
-
7.0
%
When current 16.5 mA setting
RISET
= 120kΩ
LED Current Matching
ILED-match
-
0.5
3.0(Note 1)
%
When current 16.5 mA setting
RISET
= 120kΩ
[Logic Controller]
Low Threshold Voltage
VIL
-
-
0.4
V
High Threshold Voltage
VIH
1.4
-
-
V
‘H’ Level Input Current
IIH
-
0
2
μA
VEN=VIN
‘L’ Level Input Current
IIL
-2
0
-
μA
VEN=0V
EN ‘H’ Time
tHI
0.05
-
100
μsec
EN ‘L’ Time
tLO
0.3
-
100
μsec
EN OFF Time-Out
tOFF
1
-
-
msec
IN Supply -> EN Active Time
tVINON
1
-
-
msec
EN Stand-by -> VBAT OFF Time
tVINOFF
0
-
-
msec
(Note 1) The following formula is used for calculation:
ILED-match = {(IMAX - IMIN) / (IMAX + IMIN)} x 100
IMAX = The maximum current value from all channels
IMIN = The minimum current value from all channels


Similar Part No. - BD1754HFN_15

ManufacturerPart #DatasheetDescription
logo
Rohm
BD1754HFN ROHM-BD1754HFN_12 Datasheet
379Kb / 19P
   Constant Current LED Driver with 64 Dimming Steps for up to 4 LEDs
More results

Similar Description - BD1754HFN_15

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7618 SIPEX-SP7618 Datasheet
408Kb / 10P
   Constant Current LED Driver
logo
Texas Instruments
TPS61042 TI-TPS61042 Datasheet
552Kb / 20P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER
logo
Diodes Incorporated
AL5890 DIODES-AL5890 Datasheet
824Kb / 17P
   Constant Current LED Driver
logo
First Silicon Co., Ltd
FC2082G FS-FC2082G Datasheet
1Mb / 12P
   LED CONSTANT CURRENT DRIVER
logo
DIWELL Electronics Co.,...
SLE-24 DIWELL-SLE-24 Datasheet
418Kb / 9P
   Constant Current LED Driver
2012/07/19
CALE-48 DIWELL-CALE-48 Datasheet
444Kb / 7P
   Constant Current LED Driver
2016/09/23
logo
Texas Instruments
TPS61043 TI-TPS61043 Datasheet
516Kb / 21P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER
logo
ON Semiconductor
CAT4004A ONSEMI-CAT4004A_11 Datasheet
165Kb / 11P
   Constant Current LED Driver
June, 2011 ??Rev. 2
logo
Protek Devices
PA5110 PROTEC-PA5110 Datasheet
178Kb / 7P
   Constant Current LED Driver.
logo
DIWELL Electronics Co.,...
CLE-12 DIWELL-CLE-12 Datasheet
1Mb / 8P
   Constant Current LED Driver
2016/09/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com