Electronic Components Datasheet Search
  English  ▼

X  

BD1754HFN Datasheet(PDF) 8 Page - Rohm

Part # BD1754HFN
Description  Constant Current LED Driver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD1754HFN Datasheet(HTML) 8 Page - Rohm

Back Button BD1754HFN_15 Datasheet HTML 4Page - Rohm BD1754HFN_15 Datasheet HTML 5Page - Rohm BD1754HFN_15 Datasheet HTML 6Page - Rohm BD1754HFN_15 Datasheet HTML 7Page - Rohm BD1754HFN_15 Datasheet HTML 8Page - Rohm BD1754HFN_15 Datasheet HTML 9Page - Rohm BD1754HFN_15 Datasheet HTML 10Page - Rohm BD1754HFN_15 Datasheet HTML 11Page - Rohm BD1754HFN_15 Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
8/17
BD1754HFN
Datasheet
TSZ02201-0G3G0C200060-1-2
10.Dec.2015 Rev.002
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
(2) Current Driver
The MAX Current is determined by the ISET resistance and the following formula.
 
 
 
k
R
mV
mA
I
ISET
LED
/
600
4
.
6
max
The LED current state can be changed by the EN control signal. When the state is Cn, the output current (ILED) can be
obtained from the following formula (where, n indicates a state number).
 
64
/
max
n
I
mA
I
LED
LED
The table below shows an example of the LED current settings, when ISET resistance is 120
[kΩ].
RISET
: 120[kΩ]
State
Output Current
[mA]
State
Output Current
[mA]
State
Output Current
[mA]
State
Output Current
[mA]
C64
32.0
C48
24.0
C32
16.0
C16
8.0
C63
31.5
C47
23.5
C31
15.5
C15
7.5
C62
31.0
C46
23.0
C30
15.0
C14
7.0
C61
30.5
C45
22.5
C29
14.5
C13
6.5
C60
30.0
C44
22.0
C28
14.0
C12
6.0
C59
29.5
C43
21.5
C27
13.5
C11
5.5
C58
29.0
C42
21.0
C26
13.0
C10
5.0
C57
28.5
C41
20.5
C25
12.5
C9
4.5
C56
28.0
C40
20.0
C24
12.0
C8
4.0
C55
27.5
C39
19.5
C23
11.5
C7
3.5
C54
27.0
C38
19.0
C22
11.0
C6
3.0
C53
26.5
C37
18.5
C21
10.5
C5
2.5
C52
26.0
C36
18.0
C20
10.0
C4
2.0
C51
25.5
C35
17.5
C19
9.5
C3
1.5
C50
25.0
C34
17.0
C18
9.0
C2
1.0
C49
24.5
C33
16.5
C17
8.5
C1
0.5
When the state is C64 (the maximum value), the output current value can be changed on the ISET resistance value as below.
State : C64
ISET Resistance Value (kΩ)
Output Current per Channel (mA)
Total Output Current of the Four
Channels (mA)
240
16.0
64.0
120
32.0
128.0
90
42.7
170.8
60
64.0
256.0


Similar Part No. - BD1754HFN_15

ManufacturerPart #DatasheetDescription
logo
Rohm
BD1754HFN ROHM-BD1754HFN_12 Datasheet
379Kb / 19P
   Constant Current LED Driver with 64 Dimming Steps for up to 4 LEDs
More results

Similar Description - BD1754HFN_15

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7618 SIPEX-SP7618 Datasheet
408Kb / 10P
   Constant Current LED Driver
logo
Texas Instruments
TPS61042 TI-TPS61042 Datasheet
552Kb / 20P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER
logo
Diodes Incorporated
AL5890 DIODES-AL5890 Datasheet
824Kb / 17P
   Constant Current LED Driver
logo
First Silicon Co., Ltd
FC2082G FS-FC2082G Datasheet
1Mb / 12P
   LED CONSTANT CURRENT DRIVER
logo
DIWELL Electronics Co.,...
SLE-24 DIWELL-SLE-24 Datasheet
418Kb / 9P
   Constant Current LED Driver
2012/07/19
CALE-48 DIWELL-CALE-48 Datasheet
444Kb / 7P
   Constant Current LED Driver
2016/09/23
logo
Texas Instruments
TPS61043 TI-TPS61043 Datasheet
516Kb / 21P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER
logo
ON Semiconductor
CAT4004A ONSEMI-CAT4004A_11 Datasheet
165Kb / 11P
   Constant Current LED Driver
June, 2011 ??Rev. 2
logo
Protek Devices
PA5110 PROTEC-PA5110 Datasheet
178Kb / 7P
   Constant Current LED Driver.
logo
DIWELL Electronics Co.,...
CLE-12 DIWELL-CLE-12 Datasheet
1Mb / 8P
   Constant Current LED Driver
2016/09/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com