Electronic Components Datasheet Search
  English  ▼

X  

UCS1003-2 Datasheet(PDF) 106 Page - Microchip Technology

Part # UCS1003-2
Description  USB Port Power Controller with Charger Emulation
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1003-2 Datasheet(HTML) 106 Page - Microchip Technology

Back Button UCS1003-2 Datasheet HTML 102Page - Microchip Technology UCS1003-2 Datasheet HTML 103Page - Microchip Technology UCS1003-2 Datasheet HTML 104Page - Microchip Technology UCS1003-2 Datasheet HTML 105Page - Microchip Technology UCS1003-2 Datasheet HTML 106Page - Microchip Technology UCS1003-2 Datasheet HTML 107Page - Microchip Technology UCS1003-2 Datasheet HTML 108Page - Microchip Technology UCS1003-2 Datasheet HTML 109Page - Microchip Technology UCS1003-2 Datasheet HTML 110Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 138 page
background image
UCS1003-1/2/3
DS20005346B-page 106
 2014-2015 Microchip Technology Inc.
10.13 Custom Emulation Configuration Registers
The Custom Emulation Configuration registers store
the values used by the custom charger emulation
circuitry. The custom charger emulation profile is set up
as three stimuli and the respective responses.
The contents of registers 40h to 4Ch are retained in
Sleep.
Name
Bits
Address
Cof
Default
Custom Emulation Configuration
8
40h
R/W
01h
Custom Emulation Stimulus 1 – Configuration 1
8
41h
R/W
00h
Custom Emulation Stimulus 1 – Configuration 2
8
42h
R/W
00h
Custom Emulation Stimulus 1 – Configuration 3
8
43h
R/W
00h
Custom Emulation Stimulus 1 – Configuration 4
8
44h
R/W
00h
Custom Emulation Stimulus 2 – Configuration 1
8
45h
R/W
00h
Custom Emulation Stimulus 2 – Configuration 2
8
46h
R/W
00h
Custom Emulation Stimulus 2 – Configuration 3
8
47h
R/W
00h
Custom Emulation Stimulus 2 – Configuration 4
8
48h
R/W
00h
Custom Emulation Stimulus 3 – Configuration 1
8
49h
R/W
00h
Custom Emulation Stimulus 3 – Configuration 2
8
4Ah
R/W
00h
Custom Emulation Stimulus 3 – Configuration 3
8
4Bh
R/W
00h
Custom Emulation Stimulus 3 – Configuration 3
8
4Ch
R/W
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com