Electronic Components Datasheet Search
  English  ▼

X  

DAC8574IPW Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8574IPW
Description  QUAD, 16-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8574IPW Datasheet(HTML) 7 Page - Texas Instruments

  DAC8574IPW Datasheet HTML 1Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 1 page
background image
www.ti.com
- 64
- 48
- 32
- 16
0
16
32
48
64
Channel C
VDD = 2.7 V
- 1
- 0.5
0
0.5
1
Digital Input Code
0000H
4000H 6000H 8000H A000 C000 E000 FFFF
H
H
H
H
2000H
- 64
- 48
- 32
- 16
0
16
32
48
64
Channel D
VDD = 2.7 V
- 1
- 0.5
0
0.5
1
Digital Input Code
0000H
4000H 6000H 8000H A000 C000 E000 FFFF
H
H
H
H
2000H
- 2
0
2
4
6
8
10
- 40
- 10
20
50
80
110
VDD = VREF = 2.7 V
CH A
CH D
CH B
CH C
TA - Free-Air Temperature - °C
0
2
4
6
8
10
12
14
- 40
- 10
20
50
80
110
VDD = VREF = 5 V
CH A
CH D
CH B
CH C
TA - Free-Air Temperature - °C
- 15
- 10
- 5
0
5
10
15
- 40
- 10
20
50
80
110
CH A
CH D
CH B
CH C
To avoid clipping of the output signal
during the test, VREF = VDD - 10 mV,
VDD = 2.7 V, VREF = 2.69 V
TA - Free-Air Temperature - °C
- 15
- 10
- 5
0
5
10
15
- 40
- 10
20
50
80
110
CH A
CH D
CH B
CH C
To avoid clipping of the output signal
during the test, VREF = VDD - 10 mV,
VDD = 5 V, VREF = 4.99 V
TA - Free-Air Temperature - °C
DAC8574
SLAS377A – JANUARY 2003 – REVISED JUNE 2003
TYPICAL CHARACTERISTICS (continued)
At T
A = +25°C, unless otherwise noted.
LINEARITY ERROR AND DIFFERENTIAL
LINEARITY ERROR AND DIFFERENTIAL
LINEARITY ERROR vs DIGITAL INPUT CODE
LINEARITY ERROR vs DIGITAL INPUT CODE
Figure 7.
Figure 8.
ZERO-SCALE ERROR
ZERO-SCALE ERROR
vs TEMPERATURE
vs TEMPERATURE
Figure 9.
Figure 10.
FULL-SCALE ERROR
FULL-SCALE ERROR
vs TEMPERATURE
vs TEMPERATURE
Figure 11.
Figure 12.
7



Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com