Electronic Components Datasheet Search
  English  ▼

X  

DAC8574IPW Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8574IPW
Description  QUAD, 16-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8574IPW Datasheet(HTML) 10 Page - Texas Instruments

  DAC8574IPW Datasheet HTML 1Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 1 page
background image
www.ti.com
V
DD = V REF = 5 V
1200
1000
800
600
400
200
0
0000
H 2000H
4000
H 6000H 8000H
Digital Input Code
A000
H C000H E000H FFFFH
V
DD = V REF = 2.7 V
V
DD = V REF
= 5 V
V
DD = V REF = 2.7 V
Reference Current Included
1200
1000
800
600
400
200
0
TA - Free- Air Temperature - oC
All Channels Powered, No Load
- 40
- 10
20
50
80
110
1000
950
900
850
800
750
700
650
600
2.7
3.05
3.4
3.75
4.1
4.45
4.8
5.15
5.5
V
DD - Supply Voltage - V
V
DD = VREF = 2.7 V
1750
1650
1550
1450
1350
1250
1150
1050
950
850
750
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
TA = 25_C, A0 Input (All Other Inputs = GND)
Reference Current Included
IOVDD = 5 V
VLOGIC - Logic Input Voltage - V
V
DD = V REF
= 5 V
Reference Current Included
1500
1000
500
0
I
DD
µA
- Current Consumption -
V
DD = VREF = 2.7 V
Reference Current Included
1500
1000
500
0
I
DD
µA
- Current Consumption -
DAC8574
SLAS377A – JANUARY 2003 – REVISED JUNE 2003
TYPICAL CHARACTERISTICS (continued)
At T
A = +25°C, unless otherwise noted.
SUPPLY CURRENT
SUPPLY CURRENT
vs DIGITAL INPUT CODE
vs TEMPERATURE
Figure 25.
Figure 26.
SUPPLY CURRENT
SUPPLY CURRENT
vs SUPPLY VOLTAGE
vs LOGIC INPUT VOLTAGE
Figure 27.
Figure 28.
HISTOGRAM OF CURRENT CONSUMPTION
HISTOGRAM OF CURRENT CONSUMPTION
Figure 29.
Figure 30.
10



Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com