Electronic Components Datasheet Search
  English  ▼

X  

IK2108A Datasheet(PDF) 7 Page - IK Semicon Co., Ltd

Part # IK2108A
Description  LED Driver IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IK2108A Datasheet(HTML) 7 Page - IK Semicon Co., Ltd

Back Button IK2108A Datasheet HTML 3Page - IK Semicon Co., Ltd IK2108A Datasheet HTML 4Page - IK Semicon Co., Ltd IK2108A Datasheet HTML 5Page - IK Semicon Co., Ltd IK2108A Datasheet HTML 6Page - IK Semicon Co., Ltd IK2108A Datasheet HTML 7Page - IK Semicon Co., Ltd IK2108A Datasheet HTML 8Page - IK Semicon Co., Ltd IK2108A Datasheet HTML 9Page - IK Semicon Co., Ltd IK2108A Datasheet HTML 10Page - IK Semicon Co., Ltd IK2108A Datasheet HTML 11Page - IK Semicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
IK2108A
7
May 2012, Ver. 03
Display Mode and RAM Address
Data transmitted from an external device to IK2108A via the serial interface are stored in the Display
RAM and are assigned addresses. When the power is turned ON, the memory is
set at “0”. The RAM
Addresses of IK2108A are given below in 8 bit unit.
dimming
SG1
SG4
SG5
SG8
SG9
SG14
GR1
00H
L
00H
U
01H
L
01H
U
02H
m
03
GR2
04H
L
04H
U
05H
L
05H
U
06H
m
07
GR3
08H
L
08H
U
09H
L
09H
U
0AH
m
0B
GR4
0CH
L
0CH
U
0DH
L
0DH
U
0EH
m
0F
GR5
10H
L
10H
U
11H
L
11H
U
12H
m
13
GR6
14H
L
14H
U
15H
L
15H
U
16H
m
17
GR7
18H
L
18H
U
19H
L
19H
U
1AH
m
1B
GR8
1CH
L
1CH
U
1DH
L
1DH
U
1EH
m
1F
GR9
20H
L
20H
U
21H
L
21H
U
22H
m
23
GR10
24H
L
24H
U
25H
L
25H
U
26H
m
27
GR11
28H
L
28H
U
29H
L
29H
U
2AH
m
2B
GR12
2CH
L
2CH
U
2DH
L
2DH
U
2EH
m
2F
b0
b3
b4
b7
b0
b3
b4
b7
b0
b5
b0
b7
xxH
L
xxH
U
xxH
L
xxH
U
xxH
m
xx
Lower 4
bits
Higher 4
bits
Lower 4
bits
Higher 4
bits
Lower 6 bits
8 bits
1’st byte
2’nd byte
3’rd byte
4’th byte
DIN
b0 b1 b2 b3 b4 b5 b6 b7 b0 b1 b2 b3 b4 b5 b6 b7 b0 b1 b2 b3 b4 b5 b6 b7 b0 b1 b2 b3 b4 b5 b6 b7
dimming
don’t care
data for SG1-SG8
data for SG9-SG14
don’t care
Dimming Quantity Settings:
b2
b1
b0
Pulse
width
0
0
0
1/16
0
0
1
2/16
0
1
0
3/16
0
1
1
5/16
1
0
0
7/16
1
0
1
10/16
1
1
0
14/16
1
1
1
reserved


Similar Part No. - IK2108A

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK2108DW IKSEMICON-IK2108DW Datasheet
547Kb / 21P
Serial Interface
More results

Similar Description - IK2108A

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6964 PTC-PT6964 Datasheet
317Kb / 5P
LED Driver IC
PT6959 PTC-PT6959 Datasheet
437Kb / 3P
LED Driver IC
PT6955 PTC-PT6955_10 Datasheet
586Kb / 19P
LED Driver IC
PT6959 PTC-PT6959_10 Datasheet
308Kb / 20P
LED Driver IC
PT6961 PTC-PT6961 Datasheet
577Kb / 18P
LED Driver IC
PT6965 PTC-PT6965 Datasheet
615Kb / 20P
LED Driver IC
logo
Rohm
BD8115F-M ROHM-BD8115F-M Datasheet
468Kb / 12P
LED Driver IC
logo
Sanyo Semicon Device
LV5027M SANYO-LV5027M Datasheet
93Kb / 5P
LED Driver IC
LV5028TT SANYO-LV5028TT Datasheet
168Kb / 16P
LED Driver IC
logo
Suntan Capacitors
MV1002SC SUNTAN-MV1002SC Datasheet
1Mb / 33P
LED driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com