Electronic Components Datasheet Search
  English  ▼

X  

IK2108A Datasheet(PDF) 2 Page - IK Semicon Co., Ltd

Part # IK2108A
Description  LED Driver IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IK2108A Datasheet(HTML) 2 Page - IK Semicon Co., Ltd

  IK2108A Datasheet HTML 1Page - IK Semicon Co., Ltd IK2108A Datasheet HTML 2Page - IK Semicon Co., Ltd IK2108A Datasheet HTML 3Page - IK Semicon Co., Ltd IK2108A Datasheet HTML 4Page - IK Semicon Co., Ltd IK2108A Datasheet HTML 5Page - IK Semicon Co., Ltd IK2108A Datasheet HTML 6Page - IK Semicon Co., Ltd IK2108A Datasheet HTML 7Page - IK Semicon Co., Ltd IK2108A Datasheet HTML 8Page - IK Semicon Co., Ltd IK2108A Datasheet HTML 9Page - IK Semicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
IK2108A
2
May 2012, Ver. 03
Pin Name
I/O
Description
Pin
SOP-32
LQFP-
32
RCUR
I/O
A resistor is connected to this pin to determine the output
currents and oscillation frequency.
1
30
DI/O
I/O
Data Input - Output Pin
This pin inputs serial data at the rising edge of the shift clock
(starting from the bit)
Data Output Pin - N-Channel, Open-Drain
This pin outputs serial data at the falling edge of the shift clock
2
31
CLK
I
Clock Input Pin
This pin reads serial data at the rising edge and output data at
the falling edge.
3
32
STB
I
Serial Interface Strobe Pin
The data input after the STB has fallen is processed as a
command.
When this pin is HIGH, CLK is ignored.
4
1
K1 to K3
I
Key Data Input Pins
The data sent to these pins are latched at the end of the display
cycle. (Internal Pull-Up Resistor)
5-7
2-4
VDD
-
Power Supply for Digital Part
8
5
VCC
-
Power Supply for Output Part
24
21
SG1/KS1 to
SG10/KS10
O
Segment Output Pins (N-channel open drain)
Also acts as the Key Source
10-19
7-16
SG11/GR12 to
SG14/GR9
O
Segment / Grid Output Pins
20-23
17-20
GR8 to GR1
O
Grid Output Pins (P-Channel, Open Drain)
25-32
22-29
GND
-
Ground Pin
9
6
BLOCK DIAGRAM
Serial
Data
Interface
OSC
Display
Memory
Control
Timing
Generator
Key Matrix
Memory
Current
Reference
Voltage
Reference
Dimming
Circuit
Segment
Driver/
Key Scan
Output/
Grid
Driver
GR1
GR2
GR3
GR4
GR5
GR6
GR7
GR8
SG10/KS10
SG9/KS9
SG11/GR12
SG12/GR11
SG13/GR10
SG14/GR9
SG1/KS1
SG2/KS2
SG3/KS3
SG4/KS4
SG5/KS5
SG6/KS6
SG7/KS7
SG8/KS8
GND
VCC
VDD
K1 K2 K3
R
GND
RCUR
DI/O
CLK
STB


Similar Part No. - IK2108A

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK2108DW IKSEMICON-IK2108DW Datasheet
547Kb / 21P
Serial Interface
More results

Similar Description - IK2108A

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6964 PTC-PT6964 Datasheet
317Kb / 5P
LED Driver IC
PT6959 PTC-PT6959 Datasheet
437Kb / 3P
LED Driver IC
PT6955 PTC-PT6955_10 Datasheet
586Kb / 19P
LED Driver IC
PT6959 PTC-PT6959_10 Datasheet
308Kb / 20P
LED Driver IC
PT6961 PTC-PT6961 Datasheet
577Kb / 18P
LED Driver IC
PT6965 PTC-PT6965 Datasheet
615Kb / 20P
LED Driver IC
logo
Rohm
BD8115F-M ROHM-BD8115F-M Datasheet
468Kb / 12P
LED Driver IC
logo
Sanyo Semicon Device
LV5027M SANYO-LV5027M Datasheet
93Kb / 5P
LED Driver IC
LV5028TT SANYO-LV5028TT Datasheet
168Kb / 16P
LED Driver IC
logo
Suntan Capacitors
MV1002SC SUNTAN-MV1002SC Datasheet
1Mb / 33P
LED driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com