Electronic Components Datasheet Search
  English  ▼

X  

STLUX385ATR Datasheet(PDF) 115 Page - STMicroelectronics

Part # STLUX385ATR
Description  Digital controllers for lighting and power conversion applications with up to 6 programmable PWM generators, 96 MHz PLL, DALI
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX385ATR Datasheet(HTML) 115 Page - STMicroelectronics

Back Button STLUX385ATR Datasheet HTML 111Page - STMicroelectronics STLUX385ATR Datasheet HTML 112Page - STMicroelectronics STLUX385ATR Datasheet HTML 113Page - STMicroelectronics STLUX385ATR Datasheet HTML 114Page - STMicroelectronics STLUX385ATR Datasheet HTML 115Page - STMicroelectronics STLUX385ATR Datasheet HTML 116Page - STMicroelectronics STLUX385ATR Datasheet HTML 117Page - STMicroelectronics STLUX385ATR Datasheet HTML 118Page - STMicroelectronics STLUX385ATR Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 126 page
background image
DocID027870 Rev 1
115/126
STLUX
Electrical characteristics
126
12.3.11
Analog comparator characteristics
12.3.12
DAC characteristics
Equation 5
Table 91. Analog comparator characteristics(1)
1. The comparator logic accuracy parameters may be also impacted exceeding the VCPP and VCPM3
maximum input voltage.
Symbol
Parameter
Conditions
Min.(2)
2. Data based on characterization results, not tested in production.
Typ.
Max.(2)
Unit
VCPP
Comparator input voltage
range
-40 ºC
 TA  105 ºC
0
1.23(3)
3. Maximum analog input voltage cannot exceed VDDA.
V
VCPM3
Comparator 3 external input
voltage range
01.23(3), (4)
4. The comparator 3 can be configured with the external reference voltage signal CPM3.
V
CIN
Input capacitance
3
pF
Voffset Comparator offset error
15
mV
tCOMP Comparison delay time
50(5), (6)
5. The overdrive voltage is ± 50 mV.
6. This parameter doesn't consider the delay time of comparator signal synchronization stages and SMED
logic.
ns
Table 92. DAC characteristics
Symbol
Parameter
Conditions
Min.(1)
1. Data based on characterization results, not tested in production.
Typ.
Max.(1)
Unit
N
Resolution
-40 ºC
 TA  105 ºC
4bit
Vfull scale
DAC full scale
1.2
1.26
V
Voffset
DAC offset
4
mV
Vdac
DAC out voltage
Voffset
Vfull scale
mV
LSB
82
mV
INL
Integral non linearity
0.12
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com