Electronic Components Datasheet Search
  English  ▼

X  

LAN8742Ai-CZ Datasheet(PDF) 117 Page - Microchip Technology

Part # LAN8742Ai-CZ
Description  Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8742Ai-CZ Datasheet(HTML) 117 Page - Microchip Technology

Back Button LAN8742Ai-CZ Datasheet HTML 113Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 114Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 115Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 116Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 117Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 118Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 119Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 120Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 121Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 124 page
background image
 2013-2015 Microchip Technology Inc.
DS00001989A-page 117
LAN8742A/LAN8742Ai
Microchip Technology Drawing C04-143B S4QFN Sheet 2 of 2
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
1.
2.
3.
Notes:
Pin 1 visual index feature may vary, but must be located within the hatched area.
Package is saw singulated
Dimensioning and tolerancing per ASME Y14.5M
24-Lead Very Thin Plastic Quad Flat, No Lead Package (MJ) – 4x4x0.9 mm Body [VQFN]
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Dimension Limits
Units
D
Overall Width
Overall Length
Exposed Pad Length
Exposed Pad Width
Terminal Thickness
D2
E2
E
2.60
MILLIMETERS
0.20 REF
MIN
A3
MAX
4.00 BSC
2.50
Terminal Length
Terminal Width
L
b
0.45
0.30
K
Terminal-to-Exposed Pad
0.25
NOM
Standoff
A1
0.02
Overall Height
A
0.90
Pitch
e
0.50 BSC
Number of Terminals
N24
0.35
0.18
2.40
2.40
0.00
0.80
0.25
0.40
-
2.50
4.00 BSC
2.60
0.05
1.00
-
SMSC Legacy S4QFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com