Electronic Components Datasheet Search
  English  ▼

X  

LAN8740 Datasheet(PDF) 119 Page - Microchip Technology

Part # LAN8740
Description  Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8740 Datasheet(HTML) 119 Page - Microchip Technology

Back Button LAN8740 Datasheet HTML 115Page - Microchip Technology LAN8740 Datasheet HTML 116Page - Microchip Technology LAN8740 Datasheet HTML 117Page - Microchip Technology LAN8740 Datasheet HTML 118Page - Microchip Technology LAN8740 Datasheet HTML 119Page - Microchip Technology LAN8740 Datasheet HTML 120Page - Microchip Technology LAN8740 Datasheet HTML 121Page - Microchip Technology LAN8740 Datasheet HTML 122Page - Microchip Technology LAN8740 Datasheet HTML 123Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 136 page
background image
2013-2015 Microchip Technology Inc.
DS00001987A-page 119
LAN8740A/LAN8740Ai
5.6.3
MII INTERFACE TIMING
This section specifies the MII interface transmit and receive timing. Please refer to Section 3.4.1, "MII" for additional
details.
Note 1: 40 ns for 100BASE-TX operation, 400 ns for 10BASE-T operation.
2: Timing was designed for system load between 10 pF and 25 pF.
FIGURE 5-3:
MII RECEIVE TIMING
TABLE 5-9:
MII RECEIVE TIMING VALUES
Symbol
Description
Min.
Typ.
Max.
Unit
Note
tclkp
RXCLK period
(see Note 1)ns
tclkh
RXCLK high time
tclkp * 0.4
tclkp * 0.6
ns
tclkl
RXCLK low time
tclkp * 0.4
tclkp * 0.6
ns
tval
RXD[3:0], RXDV, RXER output
valid from rising edge of RXCLK
28.0
ns
(see Note 2)
tinvld
RXD[3:0], RXDV, RXER output
invalid from rising edge of RXCLK
10.0
ns
(see Note 2)
RXCLK
(OUTPUT)
tclkh
tclkl
tclkp
tval
tinvld
tval
tval
tinvld
RXDV, RXER
(OUTPUTS)
RXD[3:0]
(OUTPUTS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com