Electronic Components Datasheet Search
  English  ▼

X  

LAN8740 Datasheet(PDF) 131 Page - Microchip Technology

Part # LAN8740
Description  Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8740 Datasheet(HTML) 131 Page - Microchip Technology

Back Button LAN8740 Datasheet HTML 127Page - Microchip Technology LAN8740 Datasheet HTML 128Page - Microchip Technology LAN8740 Datasheet HTML 129Page - Microchip Technology LAN8740 Datasheet HTML 130Page - Microchip Technology LAN8740 Datasheet HTML 131Page - Microchip Technology LAN8740 Datasheet HTML 132Page - Microchip Technology LAN8740 Datasheet HTML 133Page - Microchip Technology LAN8740 Datasheet HTML 134Page - Microchip Technology LAN8740 Datasheet HTML 135Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 136 page
background image
 2013-2015 Microchip Technology Inc.
DS00001987A-page 131
LAN8740A/LAN8740Ai
Rev. 1.1
(05-10-13)
Section 4.3, "MDIO Manageable Device
(MMD) Registers"
Added additional vendor specific MMD register
descriptions
Section 4.3.11, "MAC Receive Address
A Register (RX_ADDRA)"
Added note
Section 4.3.12, "MAC Receive Address
B Register (RX_ADDRB)"
Added note
Section 4.3.13, "MAC Receive Address
C Register (RX_ADDRC)"
Added note
, "," on page 113
Removed section “Power Sequence Timing”
Section 5.1, "Absolute Maximum
Ratings*"
Changed: Positive voltage on XTAL1/CLKIN, with
respect to ground from “VDDCR” to “+3.6V”
Section 5.3, Table 5-1, “Package
Thermal Parameters”
Updated package thermal specification values
Section 5.4, "Power Consumption"
Updated power numbers
Section 5.5, "DC Specifications"
Changed VIHI max of ICLK Type Buffer from
“VDDCR” to “3.6”
Section 5.6, "AC Specifications"
Removed two RMII notes at beginning of section
Section 5.6.3.1, "100 Mbps Internal
Loopback MII Timing"
Added new 100 Mbps internal loopback timing
section and diagram
Section 5.6.4, "RMII Interface Timing"
Added note detailing CRS_DV behavior as both
carrier sense and data valid
Updated RMII timing table
Rev. 1.0
(05-11-12)
Initial Release
REVISION LEVEL
& DATE
SECTION/FIGURE/ENTRY
CORRECTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com