Electronic Components Datasheet Search
  English  ▼

X  

PA92 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PA92
Description  High Voltage Power Operational Amplifiers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PA92 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PA92 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 1 page
background image
PA92
2
PA92U
CAUTION ThePA92isconstructedfromMOSFETtransistors.ESDhandlingproceduresmustbeobserved.
Theexposedsubstratecontainsberyllia(BeO).Donotcrush,machine,orsubjecttotemperatures
inexcessof850°Ctoavoidgeneratingtoxicfumes.
Parameter
Test Conditions
Min
Typ
Max
Units
INPUT
OFFSETVOLTAGE,initial
2
10
mV
OFFSETVOLTAGEvs.temperature
Fulltemperaturerange
15
50
µV/°C
OFFSETVOLTAGEvs.supply
10
25
µV/V
OFFSETVOLTAGEvs.time
75
µV/kh
BIASCURRENT,initial
200
2000
pA
BIASCURRENTvs.supply
4
pA/V
OFFSETCURRENT,initial
50
500
pA
INPUTIMPEDANCE,DC
1011
Ω
INPUT CAPACITANCE
4
pF
COMMONMODEVOLTAGERANGE
(Note 3)
±V
SŦ15
V
COMMONMODEREJECTION,DC
V
CM = ±90V
80
98
dB
NOISE
100kHzbandwidth,
R
S=1kΩ,CC=10pF
1
µVRMS
GAIN
OPENLOOP@15Hz
R
L=2kΩ,CC=10pF
94
111
dB
GAINBANDWIDTHPRODUCT@1MHz
R
L=2kΩ,CC=10pF
18
MHz
POWERBANDWIDTH
R
L=2kΩ,CC=10pF
30
kHz
PHASEMARGIN
Fulltemperaturerange
60
°
OUTPUT
VOLTAGE SWING
(Note 3)
I
O = 4A
±V
SŦ12
±V
SŦ10
V
CURRENT, continuous
4
A
SLEW RATE, A
V = 100
C
C=10pF
50
V/µs
CAPACITIVELOAD,A
V = +1
Fulltemperaturerange
1
nF
CHARACTERISTICS AND SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Min
Max
Units
SUPPLY VOLTAGE, +V
S to -VS
400
V
OUTPUT CURRENT, source, sink, peak,withinSOA
7
A
POWERDISSIPATION,continuous @ T
C = 25°C
80
W
INPUTVOLTAGE,differential
-20
20
V
INPUTVOLTAGE,commonmode
-V
S
V
S
V
TEMPERATURE,pinsolder,10smax.
260
°C
TEMPERATURE,junction(Note2)
150
°C
TEMPERATURERANGE,storage
−55
125
°C
OPERATINGTEMPERATURERANGE,case
−40
85
°C
SPECIFICATIONS



Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com