Electronic Components Datasheet Search
  English  ▼

X  

CXA3590 Datasheet(PDF) 12 Page - Cree, Inc

Part # CXA3590
Description  XLamp LED
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA3590 Datasheet(HTML) 12 Page - Cree, Inc

Back Button CXA3590 Datasheet HTML 8Page - Cree, Inc CXA3590 Datasheet HTML 9Page - Cree, Inc CXA3590 Datasheet HTML 10Page - Cree, Inc CXA3590 Datasheet HTML 11Page - Cree, Inc CXA3590 Datasheet HTML 12Page - Cree, Inc CXA3590 Datasheet HTML 13Page - Cree, Inc CXA3590 Datasheet HTML 14Page - Cree, Inc CXA3590 Datasheet HTML 15Page - Cree, Inc CXA3590 Datasheet HTML 16Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Copyright © 2013-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
12
XLamp® CXa3590 LED
relatiVe luminOus Flux
The relative luminous flux values provided below are the ratio of:
• Measurements of CXA3590 at steady‑state operation at the given conditions, divided by
• Flux measured during binning, which is a pulsed measurement at 2400 mA at T
J = 85 °C for the 36‑V CXA3590.
Using the 36‑V CXA3590 LED as an example, at steady‑state operation of Tc = 25 °C, I
F = 1200 mA, the relative luminous flux ratio is 60%
in the chart below. A CXA3590 LED that measures 11,000 lm during binning will deliver 6,600 lm (11,000 * 0.6) at steady‑state operation
of Tc = 25 °C, I
F = 1200 mA.
0%
30%
60%
90%
120%
150%
400
800
1200
1600
2000
2400
2800
3200
3600
Current (mA)
Tc = 25 °C
Tc = 55 °C
Tc = 85 °C
Tc = 105 °C
36 V


Similar Part No. - CXA3590

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3503 SONY-CXA3503 Datasheet
420Kb / 42P
Driver/Timing Generator for Color LCD Panels
CXA3503R SONY-CXA3503R Datasheet
420Kb / 42P
Driver/Timing Generator for Color LCD Panels
CXA3506R SONY-CXA3506R Datasheet
2Mb / 110P
3-channel 8-bit 120MSPS A/D Converter Amplifier PLL
CXA3510N SONY-CXA3510N Datasheet
205Kb / 18P
4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3512R SONY-CXA3512R Datasheet
371Kb / 24P
LCD Driver
More results

Similar Description - CXA3590

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA1304 CREE-CXA1304 Datasheet
3Mb / 30P
XLamp LED
CXA1510 CREE-CXA1510 Datasheet
2Mb / 27P
XLamp LED
CXA1816 CREE-CXA1816 Datasheet
2Mb / 17P
XLamp LED
CXB1304 CREE-CXB1304 Datasheet
3Mb / 22P
XLamp LED
CXB1507 CREE-CXB1507 Datasheet
2Mb / 19P
XLamp LED
CXB1512 CREE-CXB1512 Datasheet
2Mb / 20P
XLamp LED
CXB1816 CREE-CXB1816 Datasheet
2Mb / 15P
XLamp LED
CXB2530 CREE-CXB2530 Datasheet
2Mb / 15P
XLamp LED
CXB3050 CREE-CXB3050 Datasheet
2Mb / 13P
XLamp LED
CXB3070 CREE-CXB3070 Datasheet
2Mb / 13P
XLamp LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com