Electronic Components Datasheet Search
  English  ▼

X  

CXB1304 Datasheet(PDF) 1 Page - Cree, Inc

Part # CXB1304
Description  XLamp LED
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXB1304 Datasheet(HTML) 1 Page - Cree, Inc

  CXB1304 Datasheet HTML 1Page - Cree, Inc CXB1304 Datasheet HTML 2Page - Cree, Inc CXB1304 Datasheet HTML 3Page - Cree, Inc CXB1304 Datasheet HTML 4Page - Cree, Inc CXB1304 Datasheet HTML 5Page - Cree, Inc CXB1304 Datasheet HTML 6Page - Cree, Inc CXB1304 Datasheet HTML 7Page - Cree, Inc CXB1304 Datasheet HTML 8Page - Cree, Inc CXB1304 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Product family data sheet
Copyright © 2015-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and
EasyWhite® are registered trademarks and the Cree logo is a trademark of Cree, Inc.. UL® and the UR logo are registered trademarks of UL LLC.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Cree® XLamp® CXB1304 LED
ProDuCt DEsCriPtion
The XLamp® CXB1304 LeD Array is the
most compact member of the second
generation of the CXA family that
delivers up to 30% higher efficacy and
up to 20% higher lumens than the first
generation in the same small LeS. The
higher performance second generation
CXA LeD Arrays are compatible with
the first generation, providing a drop-in
performance upgrade to existing CXA
LeD designs to shorten the luminaire
design cycle and improve time to
market. Available in 2-step, 3-step and
5-step easyWhite® bins, the CXB1304
LeD delivers high lumen output and
high efficacy in a single, easy-to-use
package that eliminates the need for
reflow soldering, enabling lighting
manufacturers to rapidly address small
form factor lighting applications.
The CX Family LeD Design Guide
provides basic information on the
requirements to use the CXB1304 LeD
successfully in luminaire designs.
fEaturEs
• 6-mm optical source
• Mechanical and optical design
consistent with other CXA13 LeDs
• Available in 70-, 80- and 90-minimum
CRI options
• Cree easyWhite® 2-, 3- and 5-step
binning
• Forward voltage options: 9-V class,
18-V class & 36-V class
• 85 °C binning and characterization
• extremely uniform color over viewing
angle
• Top-side solder connections
• Thermocouple attach point
• NEMA SSL-3 2011 standard flux bins
• RoHS and ReACh compliant
• UL® recognized component
(E349212)
taBLE of ContEnts
Characteristics ............................................2
Operating Limits..........................................2
Flux Characteristics, EasyWhite® Order
Codes and Bins - 9 V...................................4
Flux Characteristics, EasyWhite® Order
Codes and Bins - 18 V.................................6
Flux Characteristics, EasyWhite® Order
Codes and Bins - 36 V.................................8
Relative Spectral Power Distribution ...... 10
electrical Characteristics......................... 10
Relative Luminous Flux............................ 12
Typical Spatial Distribution...................... 15
Performance Groups - Brightness .......... 15
Performance Groups - Chromaticity....... 16
Cree easyWhite® Bins Plotted on the
1931 CIE Color Space.............................. 17
Bin and Order Code Formats................... 18
Mechanical Dimensions .......................... 18
Thermal Design........................................ 19
Notes ........................................................ 21
Packaging................................................. 22


Similar Part No. - CXB1304

ManufacturerPart #DatasheetDescription
logo
Cree LED
CXB1304 CREELED-CXB1304 Datasheet
3Mb / 34P
XLamp® CXB1304 LED
REV 9A
CXB1304-0000-000C0BC440E CREELED-CXB1304-0000-000C0BC440E Datasheet
3Mb / 34P
XLamp® CXB1304 LED
REV 9A
CXB1304-0000-000C0BC450E CREELED-CXB1304-0000-000C0BC450E Datasheet
3Mb / 34P
XLamp® CXB1304 LED
REV 9A
CXB1304-0000-000C0BC457E CREELED-CXB1304-0000-000C0BC457E Datasheet
3Mb / 34P
XLamp® CXB1304 LED
REV 9A
CXB1304-0000-000C0BC465E CREELED-CXB1304-0000-000C0BC465E Datasheet
3Mb / 34P
XLamp® CXB1304 LED
REV 9A
More results

Similar Description - CXB1304

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA1304 CREE-CXA1304 Datasheet
3Mb / 30P
XLamp LED
CXA1510 CREE-CXA1510 Datasheet
2Mb / 27P
XLamp LED
CXA1816 CREE-CXA1816 Datasheet
2Mb / 17P
XLamp LED
CXA3590 CREE-CXA3590 Datasheet
2Mb / 23P
XLamp LED
CXB1507 CREE-CXB1507 Datasheet
2Mb / 19P
XLamp LED
CXB1512 CREE-CXB1512 Datasheet
2Mb / 20P
XLamp LED
CXB1816 CREE-CXB1816 Datasheet
2Mb / 15P
XLamp LED
CXB2530 CREE-CXB2530 Datasheet
2Mb / 15P
XLamp LED
CXB3050 CREE-CXB3050 Datasheet
2Mb / 13P
XLamp LED
CXB3070 CREE-CXB3070 Datasheet
2Mb / 13P
XLamp LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com