Electronic Components Datasheet Search
  English  ▼

X  

0-0519024-2 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # 0-0519024-2
Description  THIS DRAWING IS A CONTROLLED DOCUMENT.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

0-0519024-2 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  0-0519024-2 Datasheet HTML 1Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A3
DIMENSIONS:
0 PLC
1 PLC
2 PLC
3 PLC
4 PLC
ANGLES
D
D
C
B
A
C
B
A
4
3
2
1
OF
SCALE
SHEET
REV
NAME
SIZE
CAGE CODE
DRAWING NO
TOLERANCES UNLESS
OTHERWISE SPECIFIED:
DWN
CHK
APVD
MATERIAL
FINISH
REVISIONS
P
LTR
DATE
APVD
DWN
DESCRIPTION
LOC
DIST
ALL RIGHTS RESERVED.
RELEASED FOR PUBLICATION
C COPYRIGHT
THIS DRAWING IS UNPUBLISHED.
PRODUCT SPEC
APPLICATION SPEC
WEIGHT
1470-19 (3/11)
RESTRICTED TO
THIS DRAWING IS A CONTROLLED DOCUMENT.
TE Connectivity
B
ECR-12-011304
22JUN2012
wi
wi
20
20
BY -
AI
-
06SEP2005
Ch.Witt
06SEP2005
Ch.Witt
-
mm
-
ERGOCRIMP DIE SET
-
-
MCON 1.2LL - TAB 1.2LL
-
-
-
-
-
1
-
-
-
200 g
00779
4-1579001-5
-
CUSTOMER DRAWING
2:1
1
1
B
QTY
Stck
TE PN
Description
Benennung
Pos.
IM
LIEFERUMFANG
VON
4-1579001-5
1
6-1579025-2
Contact Locator
Kontaktpositionierer
1
1
6-1579025-3
Locator Assembly
Drahtanschlag
2
1
1-0519151-1
Screw M4x16
Schraube M4x16
3
1
1-0519151-3
Screw M4x25
Schraube M4x25
4
1
0-0519024-2
Nut M4 DIN 985
Mutter M4 DIN 985
5
1
4-0744011-0
Instruction Sheet
Bedienungsanleitung
6
Betriebsanl.
Isol.
I
Isolationscrimp/Insulationcrimp
Drahtcrimp / Wire Crimp
AWG (mm²)
Kontakt
Instr.Sheet
Ins.Range
Breite/Width mm
Hoehe/Height mm
Breite/Width mm
Hoehe/Height mm
Wire Range
Contact
3,4 max.
1,05 0.05
AWG18
411-18334
1,9-2,4
3,4 O
3,4 max.
1.78 F
1,10
0,05
1,0
1452672 / 1718763
3,7 max.
1.26 0,05
AWG16
3,7 max.
1,31 0,05
1.5
Matrize in Kombination mit Ergocrimp Basishandzange PN 539635-1 verwenden
Use die in combination with Ergocrimp basis hand tool PN 539635-1
4
3
5
2
TE PN und Revisionsstand wie
gezeichnet eingraviert
TE PN and revision record
engraved as shown
Drahtgroessen wie
gezeichnet eingraviert
Wire sizes engraved
as shown
!


Similar Part No. - 0-0519024-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
0-0519024-2 MACOM-0-0519024-2 Datasheet
50Kb / 1P
ERGOCRIMP-DIE SET ERGOCRIMP MATRIZE
logo
TE Connectivity Ltd
0-0519024-2 TEC-0-0519024-2 Datasheet
210Kb / 1P
THIS DRAWING IS A CONTROLLED DOCUMENT.
0-0519024-2 TEC-0-0519024-2 Datasheet
121Kb / 11P
Hinweise zum Inhalt dieser Betriebsanleitung
0-0519024-2 TEC-0-0519024-2 Datasheet
96Kb / 11P
For further information, not included in this IS , and for technical assistance please contact
0-0519024-2 TEC-0-0519024-2 Datasheet
128Kb / 11P
For further information, not included in this IS , and for technical assistance please contact
More results

Similar Description - 0-0519024-2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
C-2149448 TEC-C-2149448 Datasheet
630Kb / 3P
THIS DRAWING IS A CONTROLLED DOCUMENT.
C-2170057 TEC-C-2170057 Datasheet
2Mb / 4P
THIS DRAWING IS A CONTROLLED DOCUMENT.
C-2227667 TEC-C-2227667 Datasheet
1Mb / 4P
THIS DRAWING IS A CONTROLLED DOCUMENT.
C-2227727 TEC-C-2227727 Datasheet
1,009Kb / 4P
THIS DRAWING IS A CONTROLLED DOCUMENT.
C-5504930 TEC-C-5504930 Datasheet
208Kb / 1P
THIS DRAWING IS A CONTROLLED DOCUMENT.
C-1513150 TEC-C-1513150 Datasheet
56Kb / 1P
THIS DRAWING IS A CONTROLLED DOCUMENT.
C-2118711 TEC-C-2118711 Datasheet
389Kb / 3P
THIS DRAWING IS A CONTROLLED DOCUMENT.
C-1513797 TEC-C-1513797 Datasheet
101Kb / 2P
THIS DRAWING IS A CONTROLLED DOCUMENT.
C-2108517-1 TEC-C-2108517-1 Datasheet
112Kb / 2P
THIS DRAWING IS A CONTROLLED DOCUMENT.
C-2118016 TEC-C-2118016 Datasheet
99Kb / 2P
THIS DRAWING IS A CONTROLLED DOCUMENT.
C-2118315 TEC-C-2118315 Datasheet
525Kb / 3P
THIS DRAWING IS A CONTROLLED DOCUMENT.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com