Electronic Components Datasheet Search
  English  ▼

X  

PMW3260DB-TPOU Datasheet(PDF) 6 Page - Pixart Imaging Inc.

Part # PMW3260DB-TPOU
Description  Ultra Low Power LED Optical Mouse Sensor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PMW3260DB-TPOU Datasheet(HTML) 6 Page - Pixart Imaging Inc.

Back Button PMW3260DB-TPOU Datasheet HTML 2Page - Pixart Imaging Inc. PMW3260DB-TPOU Datasheet HTML 3Page - Pixart Imaging Inc. PMW3260DB-TPOU Datasheet HTML 4Page - Pixart Imaging Inc. PMW3260DB-TPOU Datasheet HTML 5Page - Pixart Imaging Inc. PMW3260DB-TPOU Datasheet HTML 6Page - Pixart Imaging Inc. PMW3260DB-TPOU Datasheet HTML 7Page - Pixart Imaging Inc. PMW3260DB-TPOU Datasheet HTML 8Page - Pixart Imaging Inc. PMW3260DB-TPOU Datasheet HTML 9Page - Pixart Imaging Inc. PMW3260DB-TPOU Datasheet HTML 10Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
PMW3260DB Product Datasheet
Ultra Low Power LED Optical Mouse Sensor
PixArt Imaging Inc.
Version 1.50 | 05 May 2016 | 11001AEN
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
Parameters
Symbol
Min.
Typ.
Max.
Unit Conditions
SCLK for last bit of the second
data byte.
SPI Time Between Write And Read
Commands
tSWR
20
µs
From rising SCLK for last bit of
the 1st data byte, to rising SCLK
for last bit of the second
address byte
SPI Time Between Read And
Subsequent Commands
tSRW
tSRR
250
ns
From rising SCLK for last bit of
the 1st data byte, to falling
SCLK for the 1st bit of data
being read.
SPI Read Address-Data Delay
tSRAD
4
µs
From rising SCLK for last bit of
the address byte, to falling
SCLK for the 1st bit of data
being read.
NCS Inactive After Motion Burst
tBEXIT
250
ns
Minimum NCS inactive time
after motion burst before next
SPI usage
NCS To SCLK Active
tNCS-SCLK
120
ns
From last NCS falling edge to
1st SCK rising edge.
SCLK To NCS Inactive SDIO Write
tSCLK-NCS write
10
ns
From last SCLK falling edge to
NCS rising edge, for valid SDIO
data transfer
SCLK To NCS Inactive SDIO Read
tSCLK-NCS read
120
µs
From last SCLK falling edge to
NCS rising edge, for valid SDIO
data transfer
NCS To SDIO High-Z
tNCS-SDIO
250
ns
From NCS rising edge to SDIO
high-Z state
MOTION Rise Time
tr-MOTION
40
200
ns
CL = 100pF
MOTION Fall Time
tf-MOTION
40
200
ns
CL = 100pF
Transient Supply Current
IDDT
60
mA
Max supply current during a
VDD ramp from 0 to 1.8V
Note: All the parameters are tested under recommended operating conditions. Typical values at 25 °C & VDD=1.8V


Similar Part No. - PMW3260DB-TPOU

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PMW3310DH PIXART-PMW3310DH Datasheet
268Kb / 5P
   Low Power LED Gaming Mouse Sensor
PMW3310DH-AWQT PIXART-PMW3310DH-AWQT Datasheet
692Kb / 10P
   Low Power LED Gaming Mouse Sensor
PMW3320DB-TYDU PIXART-PMW3320DB-TYDU Datasheet
458Kb / 9P
   Entry-Gaming Optical Navigation Sensor
PMW3325DB-TWV1 PIXART-PMW3325DB-TWV1 Datasheet
5Mb / 19P
   Optical Gaming Navigation Chip
PMW3330DM-T2QU PIXART-PMW3330DM-T2QU Datasheet
2Mb / 18P
   Optical Gaming Navigation Sensor
More results

Similar Description - PMW3260DB-TPOU

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-3040 AVAGO-ADNK-3040 Datasheet
108Kb / 1P
   Ultra Low-Power Optical Mouse Sensor
logo
Broadcom Corporation.
ADNK-3040 BOARDCOM-ADNK-3040 Datasheet
108Kb / 1P
   Ultra Low-Power Optical Mouse Sensor
logo
Pixart Imaging Inc.
ADNS-2080 PIXART-ADNS-2080 Datasheet
1Mb / 30P
   Low Power Optical Mouse Sensor
ADNS-3000 PIXART-ADNS-3000_16 Datasheet
741Kb / 10P
   Low Power Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5095 AVAGO-ADNS-5095 Datasheet
272Kb / 31P
   Low Power Optical Mouse Sensor
logo
Pixart Imaging Inc.
ADNS-3000 PIXART-ADNS-3000 Datasheet
639Kb / 30P
   Low Power Optical Mouse Sensor
ADNS-2080 PIXART-ADNS-2080_16 Datasheet
1,013Kb / 10P
   Low Power Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5030 AVAGO-ADNS-5030 Datasheet
411Kb / 24P
   Low Power Optical Mouse Sensor
logo
Pixart Imaging Inc.
PAN3201DH PIXART-PAN3201DH Datasheet
603Kb / 25P
   LOW POWER CMOS OPTICAL MOUSE SENSOR
logo
Agilent(Hewlett-Packard...
ADNS-3040 HP-ADNS-3040 Datasheet
339Kb / 26P
   Ultra Low-Power Mouse Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com