Electronic Components Datasheet Search
  English  ▼

X  

PMW3260DB-TPOU Datasheet(PDF) 7 Page - Pixart Imaging Inc.

Part # PMW3260DB-TPOU
Description  Ultra Low Power LED Optical Mouse Sensor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PMW3260DB-TPOU Datasheet(HTML) 7 Page - Pixart Imaging Inc.

Back Button PMW3260DB-TPOU Datasheet HTML 3Page - Pixart Imaging Inc. PMW3260DB-TPOU Datasheet HTML 4Page - Pixart Imaging Inc. PMW3260DB-TPOU Datasheet HTML 5Page - Pixart Imaging Inc. PMW3260DB-TPOU Datasheet HTML 6Page - Pixart Imaging Inc. PMW3260DB-TPOU Datasheet HTML 7Page - Pixart Imaging Inc. PMW3260DB-TPOU Datasheet HTML 8Page - Pixart Imaging Inc. PMW3260DB-TPOU Datasheet HTML 9Page - Pixart Imaging Inc. PMW3260DB-TPOU Datasheet HTML 10Page - Pixart Imaging Inc. PMW3260DB-TPOU Datasheet HTML 11Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
PMW3260DB Product Datasheet
Ultra Low Power LED Optical Mouse Sensor
PixArt Imaging Inc.
Version 1.50 | 05 May 2016 | 11001AEN
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
Mechanical Specifications
3.1
Mechanical Dimension
Table 7. Package Dimensions
Parameters
Nominal
Min.
Max.
Unit
Package Body Dimension X
9.90
9.80
10.00
mm
Package Body Dimension Y
9.10
9.00
9.20
mm
Package Width (inclusive pins)
12.85
12.35
13.35
mm
Lead Length
5.15
5.05
5.25
mm
Lead Pitch
2.00
1.85
2.15
mm
Total Lead Count
8
-
-
-
Lead Offset
1.00
-
-
mm
Lead Width
0.50
0.40
0.60
mm
Hole Diameter
0.70
0.65
0.75
mm
Center of Hole from edge of body X
4.55
4.45
4.65
mm
Center of Hole from edge of body Y
3.92
3.82
4.02
mm
Figure 3. Package Drawing Outline


Similar Part No. - PMW3260DB-TPOU

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PMW3310DH PIXART-PMW3310DH Datasheet
268Kb / 5P
   Low Power LED Gaming Mouse Sensor
PMW3310DH-AWQT PIXART-PMW3310DH-AWQT Datasheet
692Kb / 10P
   Low Power LED Gaming Mouse Sensor
PMW3320DB-TYDU PIXART-PMW3320DB-TYDU Datasheet
458Kb / 9P
   Entry-Gaming Optical Navigation Sensor
PMW3325DB-TWV1 PIXART-PMW3325DB-TWV1 Datasheet
5Mb / 19P
   Optical Gaming Navigation Chip
PMW3330DM-T2QU PIXART-PMW3330DM-T2QU Datasheet
2Mb / 18P
   Optical Gaming Navigation Sensor
More results

Similar Description - PMW3260DB-TPOU

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-3040 AVAGO-ADNK-3040 Datasheet
108Kb / 1P
   Ultra Low-Power Optical Mouse Sensor
logo
Broadcom Corporation.
ADNK-3040 BOARDCOM-ADNK-3040 Datasheet
108Kb / 1P
   Ultra Low-Power Optical Mouse Sensor
logo
Pixart Imaging Inc.
ADNS-2080 PIXART-ADNS-2080 Datasheet
1Mb / 30P
   Low Power Optical Mouse Sensor
ADNS-3000 PIXART-ADNS-3000_16 Datasheet
741Kb / 10P
   Low Power Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5095 AVAGO-ADNS-5095 Datasheet
272Kb / 31P
   Low Power Optical Mouse Sensor
logo
Pixart Imaging Inc.
ADNS-3000 PIXART-ADNS-3000 Datasheet
639Kb / 30P
   Low Power Optical Mouse Sensor
ADNS-2080 PIXART-ADNS-2080_16 Datasheet
1,013Kb / 10P
   Low Power Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5030 AVAGO-ADNS-5030 Datasheet
411Kb / 24P
   Low Power Optical Mouse Sensor
logo
Pixart Imaging Inc.
PAN3201DH PIXART-PAN3201DH Datasheet
603Kb / 25P
   LOW POWER CMOS OPTICAL MOUSE SENSOR
logo
Agilent(Hewlett-Packard...
ADNS-3040 HP-ADNS-3040 Datasheet
339Kb / 26P
   Ultra Low-Power Mouse Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com