Electronic Components Datasheet Search
  English  ▼

X  

PMW3260DB-TPOU Datasheet(PDF) 1 Page - Pixart Imaging Inc.

Part # PMW3260DB-TPOU
Description  Ultra Low Power LED Optical Mouse Sensor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PMW3260DB-TPOU Datasheet(HTML) 1 Page - Pixart Imaging Inc.

  PMW3260DB-TPOU Datasheet HTML 1Page - Pixart Imaging Inc. PMW3260DB-TPOU Datasheet HTML 2Page - Pixart Imaging Inc. PMW3260DB-TPOU Datasheet HTML 3Page - Pixart Imaging Inc. PMW3260DB-TPOU Datasheet HTML 4Page - Pixart Imaging Inc. PMW3260DB-TPOU Datasheet HTML 5Page - Pixart Imaging Inc. PMW3260DB-TPOU Datasheet HTML 6Page - Pixart Imaging Inc. PMW3260DB-TPOU Datasheet HTML 7Page - Pixart Imaging Inc. PMW3260DB-TPOU Datasheet HTML 8Page - Pixart Imaging Inc. PMW3260DB-TPOU Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Low Power Heart Rate Monitor
1
PixArt Imaging Inc.
PMW3260DB Product Datasheet
Ultra Low Power LED Optical Mouse Sensor
Version 1.50 | 05 May 2016 | 11001AEN
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
PMW3260DB-TPOU: Ultra Low Power LED Optical Mouse Sensor
General Description
The PixArt Imaging PMW3260DB-TPOU is a low power,
small form factor optical mouse sensor. It has a new
low-power
architecture
and
automatic
power
management modes, making it ideal for battery, power‐
sensitive applications such as cordless input devices.
The PMW3260DB-TPOU along with the LM31-LNG lens,
LED clip and HSDL-4261 IR LED form a complete and
compact mouse tracking system. There are no moving
parts and this translates to high reliability and less
maintenance for the end user. In addition, precision
optical alignment is not required, facilitating high
volume assembly.
Key Features
 Small form factor molded lead frame 8-pin PDIP
package
 Single low operating voltage: 1.70 – 2.00V
 12-bits motion data registers
 High speed motion detection 30ips and acceleration
10g
 Motion detect pin output
 Internal Oscillator – no clock input needed
 3-wire SPI communication
 Enhanced Programmability
 Resolution up to 2000cpi
 Downshift and wake up time
 Sensor orientation
Applications
 Wireless Optical Mouse
 Trackball Application
Key Parameters
Parameter
Value
Supply Voltage (V)
VDD: 1.70 – 2.00 V
Interface
3-Wire SPI
Max clock speed: 2 MHz
Supply Current (µA)
(Average)
Run Avg : 335 µA
Rest1 : 30 µA
Rest2 : 15 µA
Rest3 : 5µA
Resolution (cpi)
Up to 2000 cpi
Tracking Speed (ips)
30 ips
Acceleration (g)
10 g
Package Type
8L PDIP
Package Dimension (mm)
9.90 x 12.85 x 6.15
Ordering Information
Part Number
Package Type
PMW3260DB-TPOU
8-pin DIP Package
LM31-LNG
Trim Lens
For any additional inquiries, please contact us at
http://www.pixart.com/contact.asp


Similar Part No. - PMW3260DB-TPOU

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PMW3310DH PIXART-PMW3310DH Datasheet
268Kb / 5P
   Low Power LED Gaming Mouse Sensor
PMW3310DH-AWQT PIXART-PMW3310DH-AWQT Datasheet
692Kb / 10P
   Low Power LED Gaming Mouse Sensor
PMW3320DB-TYDU PIXART-PMW3320DB-TYDU Datasheet
458Kb / 9P
   Entry-Gaming Optical Navigation Sensor
PMW3325DB-TWV1 PIXART-PMW3325DB-TWV1 Datasheet
5Mb / 19P
   Optical Gaming Navigation Chip
PMW3330DM-T2QU PIXART-PMW3330DM-T2QU Datasheet
2Mb / 18P
   Optical Gaming Navigation Sensor
More results

Similar Description - PMW3260DB-TPOU

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-3040 AVAGO-ADNK-3040 Datasheet
108Kb / 1P
   Ultra Low-Power Optical Mouse Sensor
logo
Broadcom Corporation.
ADNK-3040 BOARDCOM-ADNK-3040 Datasheet
108Kb / 1P
   Ultra Low-Power Optical Mouse Sensor
logo
Pixart Imaging Inc.
ADNS-2080 PIXART-ADNS-2080 Datasheet
1Mb / 30P
   Low Power Optical Mouse Sensor
ADNS-3000 PIXART-ADNS-3000_16 Datasheet
741Kb / 10P
   Low Power Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5095 AVAGO-ADNS-5095 Datasheet
272Kb / 31P
   Low Power Optical Mouse Sensor
logo
Pixart Imaging Inc.
ADNS-3000 PIXART-ADNS-3000 Datasheet
639Kb / 30P
   Low Power Optical Mouse Sensor
ADNS-2080 PIXART-ADNS-2080_16 Datasheet
1,013Kb / 10P
   Low Power Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5030 AVAGO-ADNS-5030 Datasheet
411Kb / 24P
   Low Power Optical Mouse Sensor
logo
Pixart Imaging Inc.
PAN3201DH PIXART-PAN3201DH Datasheet
603Kb / 25P
   LOW POWER CMOS OPTICAL MOUSE SENSOR
logo
Agilent(Hewlett-Packard...
ADNS-3040 HP-ADNS-3040 Datasheet
339Kb / 26P
   Ultra Low-Power Mouse Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com