Electronic Components Datasheet Search
  English  ▼

X  

PMW3320DB-TYDU Datasheet(PDF) 7 Page - Pixart Imaging Inc.

Part # PMW3320DB-TYDU
Description  Entry-Gaming Optical Navigation Sensor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PMW3320DB-TYDU Datasheet(HTML) 7 Page - Pixart Imaging Inc.

  PMW3320DB-TYDU Datasheet HTML 1Page - Pixart Imaging Inc. PMW3320DB-TYDU Datasheet HTML 2Page - Pixart Imaging Inc. PMW3320DB-TYDU Datasheet HTML 3Page - Pixart Imaging Inc. PMW3320DB-TYDU Datasheet HTML 4Page - Pixart Imaging Inc. PMW3320DB-TYDU Datasheet HTML 5Page - Pixart Imaging Inc. PMW3320DB-TYDU Datasheet HTML 6Page - Pixart Imaging Inc. PMW3320DB-TYDU Datasheet HTML 7Page - Pixart Imaging Inc. PMW3320DB-TYDU Datasheet HTML 8Page - Pixart Imaging Inc. PMW3320DB-TYDU Datasheet HTML 9Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
                                                                                                  PMW3320DB-TYDU 
___________________________________________________________________________________________________________________________
All rights strictly reserved, any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Confidential
PMW3320DB-TYDU-DS-R3.05-250915
Design Considerations for Improved ESD Performance
For improved electrostatic discharge performance, typical
creepage and clearance distance are shown in the table below.
Assumption: base plate construction is as per the PixArt
Imaging supplied IGES file and LM31-LNG lens. Note that the
lens material is polycarbonate or polystyrene HH30. Therefore,
cyanoacrylate based adhesives or other adhesives that may
damage the lens should NOT be used.
LM31-LNG
Typical Distance (mm)
Creepage
15.43
Clearance
7.77
Regulatory Requirements
Passes FCC B and worldwide analogous emission limits
when assembled into a mouse with shielded cable and
following PixArt’s recommendations.
Passes IEC-1000-4-3 radiated susceptibility level when
assembled into a mouse with shielded cable and following
PixArt’s recommendations.
Passes EN61000-4-4/IEC801-4 EFT tests when assembled
into a mouse with shielded cable and following PixArt
recommendations.
Provides sufficient ESD creepage/clearance distance to
withstand discharge up to 15KV when assembled into a
mouse according to usage instructions above.
Table 2. Absolute Maximum Ratings
Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
Parameter
Symbol
Min
Max
Units
Notes
Storage Temperature
TS
-40
85
°C
Operating Temperature
TA
-15
55
°C
Lead Solder Temperature
TSOLDER
260
°C
For 7 seconds, 1.6mm below seating plane.
Supply Voltage
VDD
-0.5
3.6
V
ESD (Human Body Model)
2
kV
All pins
Input Voltage
VIN
-0.5
VDD + 0.5 V
All I/O pins
Table 3. Recommended Operating Conditions
Parameter
Symbol
Min
Typ.
Max
Units
Notes
Operating Temperature
TA
0
40
°C
Power Supply Voltage
VDD
2.1
2.2
3.4
V
Power Supply Rise Time
tRT
0.15
20
ms
0 to VDD min
Supply Noise (Sinusoidal)
VNA
100
mVp-p
10kHz —50MHz
Main Oscillator Frequency
fOSC
24
MHz
On-chip oscillator
Serial Port Clock Frequency
fSCLK
1
MHz
50% duty cycle
Distance from Lens Reference
Z
2.2
2.4
2.6
mm
Plane to Tracking Surface
Hibernate Oscillator (Slow Clock) fHIB
580
Hz
Speed
S
80 [1]
ips
Applicable only for gaming mode
Acceleration
A
20
g
In run mode
Load Capacitance
Cout
100
pF
SDIO
[1]
Recommend placing the sensor as per Figure 2 at 0 degree to achieve optimum tracking speed.


Similar Part No. - PMW3320DB-TYDU

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PMW3325DB-TWV1 PIXART-PMW3325DB-TWV1 Datasheet
5Mb / 19P
Optical Gaming Navigation Chip
More results

Similar Description - PMW3320DB-TYDU

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAN101B PIXART-PAN101B Datasheet
290Kb / 24P
CMOS OPTICAL NAVIGATION SENSOR
ADBM-A350 PIXART-ADBM-A350 Datasheet
1Mb / 52P
Optical Finger Navigation
ADBS-A350 PIXART-ADBS-A350 Datasheet
1Mb / 55P
Optical Finger Navigation
ADNS-3050 PIXART-ADNS-3050 Datasheet
1Mb / 31P
Entry-level Gaming Optical Navigation Sensor
ADNS-3050 PIXART-ADNS-3050_17 Datasheet
1Mb / 9P
Entry-level Gaming Optical Navigation Sensor
PMW3325DB-TWV1 PIXART-PMW3325DB-TWV1 Datasheet
5Mb / 19P
Optical Gaming Navigation Chip
PMW3330DM-TZQU PIXART-PMW3330DM-TZQU Datasheet
782Kb / 9P
Optical Gaming Navigation Sensor
PMW3360DM-T2QU PIXART-PMW3360DM-T2QU Datasheet
2Mb / 18P
Optical Gaming Navigation Sensor
PMW3330DM-T2QU PIXART-PMW3330DM-T2QU Datasheet
2Mb / 18P
Optical Gaming Navigation Sensor
PMW3389DM-T3QU PIXART-PMW3389DM-T3QU Datasheet
1Mb / 20P
Optical Gaming Navigation Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com