Electronic Components Datasheet Search
  English  ▼

X  

PMW3320DB-TYDU Datasheet(PDF) 8 Page - Pixart Imaging Inc.

Part # PMW3320DB-TYDU
Description  Entry-Gaming Optical Navigation Sensor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PMW3320DB-TYDU Datasheet(HTML) 8 Page - Pixart Imaging Inc.

  PMW3320DB-TYDU Datasheet HTML 1Page - Pixart Imaging Inc. PMW3320DB-TYDU Datasheet HTML 2Page - Pixart Imaging Inc. PMW3320DB-TYDU Datasheet HTML 3Page - Pixart Imaging Inc. PMW3320DB-TYDU Datasheet HTML 4Page - Pixart Imaging Inc. PMW3320DB-TYDU Datasheet HTML 5Page - Pixart Imaging Inc. PMW3320DB-TYDU Datasheet HTML 6Page - Pixart Imaging Inc. PMW3320DB-TYDU Datasheet HTML 7Page - Pixart Imaging Inc. PMW3320DB-TYDU Datasheet HTML 8Page - Pixart Imaging Inc. PMW3320DB-TYDU Datasheet HTML 9Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
                                                                                                  PMW3320DB-TYDU 
_________________________________________________________________________________________________________________________
__
All rights strictly reserved, any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Confidential
Table 5. DC Electrical Specifications
Electrical characteristics over recommended operating conditions. Typical values at 25 °C, VDD = 2.2 V, LED current at 16mA,
white paper.
Parameter
Symbol
Min
Typ.
Max
Units Notes
DC Supply Current
(Corded Gaming Mode)
IDD_RUN_CORDED
IDD_REST1
IDD_REST2
IDD_REST3
18.520
N/A
N/A
N/A
mA
- Including LED current.
- No load on SDIO
- For RUN mode, at typical 5300fps
DC Supply Current
(Cordless Gaming Mode)
IDD_RUN_CORDLESS
IDD_REST1
IDD_REST2
IDD_REST3
7.894
1.444
0.090
N/A
mA
- Including LED current.
- No load on SDIO
- For RUN mode, at typical 3900fps
- For REST1 mode, at 580fps
- For REST2 mode, at 10fps
DC Supply Current
(Cordless Office Mode)
IDD_RUN_CORDLESS
IDD_REST1
IDD_REST2
IDD_REST3
4.045
1.355
0.084
0.066
mA
- Including LED current.
- No load on SDIO
- For RUN mode, at typical 1500fps
- For REST1 mode, at 100fps
- For REST2 mode, at 10fps
- For REST3 mode, at 2fps
Power Down Current
IPD
15
µA
Input Low Voltage
VIL
0.3 x VDD
V
SCLK, SDIO, NCS
Input High Voltage
VIH
0.7 x VDD
V
SCLK, SDIO, NCS
Input Hysteresis
VI_HYS
100
mV
SCLK, SDIO, NCS
Input Leakage Current
Ileak
±1
±10
µA
Vin=VDD-0.6V, SCLK, SDIO, NCS
Output Low Voltage
VOL
0.45
V
Iout =1mA, SDIO, MOTION
Output High Voltage
VOH
VDD - 0.45
V
Iout =-1mA, SDIO, MOTION
Input Capacitance
Cin
50
pF
SDIO, NCS, SCLK


Similar Part No. - PMW3320DB-TYDU

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PMW3325DB-TWV1 PIXART-PMW3325DB-TWV1 Datasheet
5Mb / 19P
   Optical Gaming Navigation Chip
More results

Similar Description - PMW3320DB-TYDU

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
ADNS-3050 PIXART-ADNS-3050 Datasheet
1Mb / 31P
   Entry-level Gaming Optical Navigation Sensor
ADNS-3050 PIXART-ADNS-3050_17 Datasheet
1Mb / 9P
   Entry-level Gaming Optical Navigation Sensor
PMW3330DM-T2QU PIXART-PMW3330DM-T2QU Datasheet
2Mb / 18P
   Optical Gaming Navigation Sensor
PMW3360DM-T2QU PIXART-PMW3360DM-T2QU Datasheet
2Mb / 18P
   Optical Gaming Navigation Sensor
PMW3330DM-TZQU PIXART-PMW3330DM-TZQU Datasheet
782Kb / 9P
   Optical Gaming Navigation Sensor
PMW3325DB-TWV1 PIXART-PMW3325DB-TWV1 Datasheet
5Mb / 19P
   Optical Gaming Navigation Chip
PMW3389DM-T3QU PIXART-PMW3389DM-T3QU Datasheet
1Mb / 20P
   Optical Gaming Navigation Chip
PAN101B PIXART-PAN101B Datasheet
290Kb / 24P
   CMOS OPTICAL NAVIGATION SENSOR
ADBS-A350 PIXART-ADBS-A350 Datasheet
1Mb / 55P
   Optical Finger Navigation
ADBM-A350 PIXART-ADBM-A350 Datasheet
1Mb / 52P
   Optical Finger Navigation
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com