Electronic Components Datasheet Search
  English  ▼

X  

PMW3320DB-TYDU Datasheet(PDF) 9 Page - Pixart Imaging Inc.

Part # PMW3320DB-TYDU
Description  Entry-Gaming Optical Navigation Sensor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PMW3320DB-TYDU Datasheet(HTML) 9 Page - Pixart Imaging Inc.

  PMW3320DB-TYDU Datasheet HTML 1Page - Pixart Imaging Inc. PMW3320DB-TYDU Datasheet HTML 2Page - Pixart Imaging Inc. PMW3320DB-TYDU Datasheet HTML 3Page - Pixart Imaging Inc. PMW3320DB-TYDU Datasheet HTML 4Page - Pixart Imaging Inc. PMW3320DB-TYDU Datasheet HTML 5Page - Pixart Imaging Inc. PMW3320DB-TYDU Datasheet HTML 6Page - Pixart Imaging Inc. PMW3320DB-TYDU Datasheet HTML 7Page - Pixart Imaging Inc. PMW3320DB-TYDU Datasheet HTML 8Page - Pixart Imaging Inc. PMW3320DB-TYDU Datasheet HTML 9Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
                                                                                                  PMW3320DB-TYDU 
___________________________________________________________________________________________________________________________
All rights strictly reserved, any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Confidential
Registers
PMW3320DB-TYDU registers are accessible via the serial port. The registers are used to read motion data and status as well as to set the
device configuration.
Address
Register Name
Register Description
Read/Write
Default Value
0x00
PROD_ID
Product ID
R
0x3b
0x01
REV_ID
Revision ID
R
0x00
0x02
MOTION
Motion Detected
R/W
0x00
0x03
DELTA_X
X Displacement
R
0x00
0x04
DELTA_Y
Y Displacement
R
0x00
0x05
SQUAL
Surface Quality
R
0x00
0x06
SHUT_HI
Shutter Open Time (Upper 5-bit)
R
0x01
0x07
SHUT_LO
Shutter Open Time (Lower 8-bit)
R
0x00
0x08
PIX_MAX
Maximum Pixel Value
R
0x00
0x09
PIX_ACCUM
Average Pixel Value
R
0x00
0x0a
PIX_MIN
Minimum Pixel Value
R
0x7f
0x0b
PIX_GRAB
Pixel Grabber
R/W
0x00
0x0c
DELTA_XY
Upper 4 Bits for Delta X & Y Displacement
R
0x00
0x0d
RESOLUTION
Resolution
R/W
0x80
0x0e
RUN_DOWNSHIFT
Downshift Time from Run to Rest 1
R/W
0x08
0x0f
REST1_PERIOD
Time Period of Rest 1
R/W
0x02
0x10
REST1_DOWNSHIFT
Downshift Time from Rest 1 to Rest 2
R/W
0x10
0x11
REST2_PERIOD
Time Period of Rest 2
R/W
0x1d
0x12
REST2_DOWNSHIFT
Downshift Time from Rest 2 to Rest 3
R/W
0x2f
0x13
REST3_PERIOD
Time Period of Rest 3
R/W
0x95
0x17
MIN_SQUAL_RUN
Min SQUAL Run
R/W
0x0f
0x1a
AXIS_CONTROL
Orientation
R/W
0x00
0x22
PERFORMANCE
Performance
R/W
0x00
0x23
LOW_MOT_JIT
Low Motion Jitter Control
R/W
0x14
0x36
SHUT_MAX_HI
Maximum Shutter Open Time (Upper 5-bit)
R/W
0x0f
0x37
SHUT_MAX_LO
Maximum Shutter Open Time (Lower 8-bit)
R/W
0x00
0x39
FRAME_RATE
Frame Rate
R/W
0x8d
0x3a
POWER_UP_RESET
Power Up Reset
W
0x00
0x3b
SHUTDOWN
Shutdown
W
0x00
0x3f
NOT_REV_ID
Inverted REV ID
R
0xff
0x40
LED_CONTROL
LED Control
R/W
0x00
0x41
MOTION_CTRL
Motion Control
R/W
0x00
0x42
BURST_READ_FIRST
Burst Read Starting Address Register
R/W
0x03
0x45
REST_MODE_STATUS
Rest Mode Status
R
0x00
0x4f
NOT_PROD_ID
Inverted Product ID
R
0xc4
0x63
BURST_MOTION
Burst Read
R
0x00


Similar Part No. - PMW3320DB-TYDU

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PMW3325DB-TWV1 PIXART-PMW3325DB-TWV1 Datasheet
5Mb / 19P
   Optical Gaming Navigation Chip
More results

Similar Description - PMW3320DB-TYDU

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
ADNS-3050 PIXART-ADNS-3050 Datasheet
1Mb / 31P
   Entry-level Gaming Optical Navigation Sensor
ADNS-3050 PIXART-ADNS-3050_17 Datasheet
1Mb / 9P
   Entry-level Gaming Optical Navigation Sensor
PMW3330DM-T2QU PIXART-PMW3330DM-T2QU Datasheet
2Mb / 18P
   Optical Gaming Navigation Sensor
PMW3360DM-T2QU PIXART-PMW3360DM-T2QU Datasheet
2Mb / 18P
   Optical Gaming Navigation Sensor
PMW3330DM-TZQU PIXART-PMW3330DM-TZQU Datasheet
782Kb / 9P
   Optical Gaming Navigation Sensor
PMW3325DB-TWV1 PIXART-PMW3325DB-TWV1 Datasheet
5Mb / 19P
   Optical Gaming Navigation Chip
PMW3389DM-T3QU PIXART-PMW3389DM-T3QU Datasheet
1Mb / 20P
   Optical Gaming Navigation Chip
PAN101B PIXART-PAN101B Datasheet
290Kb / 24P
   CMOS OPTICAL NAVIGATION SENSOR
ADBS-A350 PIXART-ADBS-A350 Datasheet
1Mb / 55P
   Optical Finger Navigation
ADBM-A350 PIXART-ADBM-A350 Datasheet
1Mb / 52P
   Optical Finger Navigation
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com