Electronic Components Datasheet Search
  English  ▼

X  

PMW3320DB-TYDU Datasheet(PDF) 1 Page - Pixart Imaging Inc.

Part # PMW3320DB-TYDU
Description  Entry-Gaming Optical Navigation Sensor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PMW3320DB-TYDU Datasheet(HTML) 1 Page - Pixart Imaging Inc.

  PMW3320DB-TYDU Datasheet HTML 1Page - Pixart Imaging Inc. PMW3320DB-TYDU Datasheet HTML 2Page - Pixart Imaging Inc. PMW3320DB-TYDU Datasheet HTML 3Page - Pixart Imaging Inc. PMW3320DB-TYDU Datasheet HTML 4Page - Pixart Imaging Inc. PMW3320DB-TYDU Datasheet HTML 5Page - Pixart Imaging Inc. PMW3320DB-TYDU Datasheet HTML 6Page - Pixart Imaging Inc. PMW3320DB-TYDU Datasheet HTML 7Page - Pixart Imaging Inc. PMW3320DB-TYDU Datasheet HTML 8Page - Pixart Imaging Inc. PMW3320DB-TYDU Datasheet HTML 9Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
                                                                                                
___________________________________________________________________________________________________________________________
All rights strictly reserved, any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Confidential
1
 
PMW3320DB-TYDU
Entry-Gaming Optical Navigation Sensor
General Description
The PixArt Imaging PMW3320DB-TYDU is a small form factor entry-gaming optical navigation sensor. It is housed in an 8-pin staggered dual
in-line package (DIP). It is capable of high-speed motion detection up to 80ips and 20g; suitable for both wired and wireless gaming
navigation system. The low power management in wireless mode can be customized to suit user preferences. In addition, it has an on-chip
oscillator and LED driver to minimize external components.
PMW3320DB-TYDU sensor along with LM31-LNG lens, LED clip, and HSDL-4261 IR LED forms a complete and compact mouse tracking
system. There are no moving parts, which translates to high reliability and less maintenance for the end user. Precision optical alignment is
not required, thus facilitating high volume assembly.
General Description
Key Specification
Small Form Factor or Package - 8-pin DIP
Operating Voltage: 2.1V – 3.4V
High Speed Motion Detection up to 80ips and 20g.
Selectable Resolutions up to 3500cpi
Three wire Serial Port Interface
External Interrupt Output for Motion Detection
Internal Oscillator — no clock input needed
Minimal number of passive components
Programmable power modes:
o
Corded Gaming Mode
o
Cordless Gaming Mode
o
Office Mode
Customizable response time and downshift
time for rest modes
Configurable LED operating mode
Applications
• Wired and Wireless Optical gaming mice
and trackballs
• Integrated input devices
• Battery-powered input devices
Supply Voltage
2.1-3.4V
Interface
3-wired SPI
Max clock speed : 1 MHz
Tracking Speed
Up to 80ips
Acceleration
Up to 20g
CPI Resolution
Up to 3500cpi with 250 cpi/step
Frame Rate
Max : 5300 fps (frames per sec)
Operating Current
VDD=2.2V
Run Avg : 7.9mA
REST1 : 1.4mA
REST2 : 0.090mA
Power down : 15uA
*Including 16mA LED current
Package
8-pin DIP


Similar Part No. - PMW3320DB-TYDU

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PMW3325DB-TWV1 PIXART-PMW3325DB-TWV1 Datasheet
5Mb / 19P
   Optical Gaming Navigation Chip
More results

Similar Description - PMW3320DB-TYDU

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
ADNS-3050 PIXART-ADNS-3050 Datasheet
1Mb / 31P
   Entry-level Gaming Optical Navigation Sensor
ADNS-3050 PIXART-ADNS-3050_17 Datasheet
1Mb / 9P
   Entry-level Gaming Optical Navigation Sensor
PMW3330DM-T2QU PIXART-PMW3330DM-T2QU Datasheet
2Mb / 18P
   Optical Gaming Navigation Sensor
PMW3360DM-T2QU PIXART-PMW3360DM-T2QU Datasheet
2Mb / 18P
   Optical Gaming Navigation Sensor
PMW3330DM-TZQU PIXART-PMW3330DM-TZQU Datasheet
782Kb / 9P
   Optical Gaming Navigation Sensor
PMW3325DB-TWV1 PIXART-PMW3325DB-TWV1 Datasheet
5Mb / 19P
   Optical Gaming Navigation Chip
PMW3389DM-T3QU PIXART-PMW3389DM-T3QU Datasheet
1Mb / 20P
   Optical Gaming Navigation Chip
PAN101B PIXART-PAN101B Datasheet
290Kb / 24P
   CMOS OPTICAL NAVIGATION SENSOR
ADBS-A350 PIXART-ADBS-A350 Datasheet
1Mb / 55P
   Optical Finger Navigation
ADBM-A350 PIXART-ADBM-A350 Datasheet
1Mb / 52P
   Optical Finger Navigation
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com