Electronic Components Datasheet Search
  English  ▼

X  

PMW3320DB-TYDU Datasheet(PDF) 2 Page - Pixart Imaging Inc.

Part # PMW3320DB-TYDU
Description  Entry-Gaming Optical Navigation Sensor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PMW3320DB-TYDU Datasheet(HTML) 2 Page - Pixart Imaging Inc.

  PMW3320DB-TYDU Datasheet HTML 1Page - Pixart Imaging Inc. PMW3320DB-TYDU Datasheet HTML 2Page - Pixart Imaging Inc. PMW3320DB-TYDU Datasheet HTML 3Page - Pixart Imaging Inc. PMW3320DB-TYDU Datasheet HTML 4Page - Pixart Imaging Inc. PMW3320DB-TYDU Datasheet HTML 5Page - Pixart Imaging Inc. PMW3320DB-TYDU Datasheet HTML 6Page - Pixart Imaging Inc. PMW3320DB-TYDU Datasheet HTML 7Page - Pixart Imaging Inc. PMW3320DB-TYDU Datasheet HTML 8Page - Pixart Imaging Inc. PMW3320DB-TYDU Datasheet HTML 9Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
                                                                                        
___________________________________________________________________________________________________________________________
All rights strictly reserved, any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Confidential
2
Pin Descriptions
Table 1. Sensor Pinout
Pin
No
Pin
Name
Input / Output Description
1
SDIO
I/O
Serial Data Input Output
2
LED
I
LED Illumination Control Input
3
MOTION
O
Motion Interrupt Output (Active
Low)
4
NCS
I
Chip Select Input(Active Low)
5
SCLK
I
Serial Clock Input
6
GND
I
Ground
7
VDD
I
Power Supply Voltage
8
REG
O
Regulator Output
Power Supply Range
VDD = 2.05 – 3.45V (including 100mV pk-pk ripple)
= 2.10 – 3.40V (excluding 100mV noise ripple)
Sensor Orientation
Product Number: PMW3320DB-TYDU
Lot Code: AYWWXXXXX (A = Assembly house, Y = Year,
WW = Week, XXXXX = PixArt reference)
 
 
 
 
         
Left
Button
Right
Button
Positive X
Top X-ray view of PMW3320
Figure 2. Recommended Sensor Orientation


Similar Part No. - PMW3320DB-TYDU

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PMW3325DB-TWV1 PIXART-PMW3325DB-TWV1 Datasheet
5Mb / 19P
   Optical Gaming Navigation Chip
More results

Similar Description - PMW3320DB-TYDU

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
ADNS-3050 PIXART-ADNS-3050 Datasheet
1Mb / 31P
   Entry-level Gaming Optical Navigation Sensor
ADNS-3050 PIXART-ADNS-3050_17 Datasheet
1Mb / 9P
   Entry-level Gaming Optical Navigation Sensor
PMW3330DM-T2QU PIXART-PMW3330DM-T2QU Datasheet
2Mb / 18P
   Optical Gaming Navigation Sensor
PMW3360DM-T2QU PIXART-PMW3360DM-T2QU Datasheet
2Mb / 18P
   Optical Gaming Navigation Sensor
PMW3330DM-TZQU PIXART-PMW3330DM-TZQU Datasheet
782Kb / 9P
   Optical Gaming Navigation Sensor
PMW3325DB-TWV1 PIXART-PMW3325DB-TWV1 Datasheet
5Mb / 19P
   Optical Gaming Navigation Chip
PMW3389DM-T3QU PIXART-PMW3389DM-T3QU Datasheet
1Mb / 20P
   Optical Gaming Navigation Chip
PAN101B PIXART-PAN101B Datasheet
290Kb / 24P
   CMOS OPTICAL NAVIGATION SENSOR
ADBS-A350 PIXART-ADBS-A350 Datasheet
1Mb / 55P
   Optical Finger Navigation
ADBM-A350 PIXART-ADBM-A350 Datasheet
1Mb / 52P
   Optical Finger Navigation
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com