Electronic Components Datasheet Search
  English  ▼

X  

PMW3325DB-TWV1 Datasheet(PDF) 5 Page - Pixart Imaging Inc.

Part # PMW3325DB-TWV1
Description  Optical Gaming Navigation Chip
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PMW3325DB-TWV1 Datasheet(HTML) 5 Page - Pixart Imaging Inc.

  PMW3325DB-TWV1 Datasheet HTML 1Page - Pixart Imaging Inc. PMW3325DB-TWV1 Datasheet HTML 2Page - Pixart Imaging Inc. PMW3325DB-TWV1 Datasheet HTML 3Page - Pixart Imaging Inc. PMW3325DB-TWV1 Datasheet HTML 4Page - Pixart Imaging Inc. PMW3325DB-TWV1 Datasheet HTML 5Page - Pixart Imaging Inc. PMW3325DB-TWV1 Datasheet HTML 6Page - Pixart Imaging Inc. PMW3325DB-TWV1 Datasheet HTML 7Page - Pixart Imaging Inc. PMW3325DB-TWV1 Datasheet HTML 8Page - Pixart Imaging Inc. PMW3325DB-TWV1 Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
Version 1.40 |12 Aug 2016 | 31005AEN
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
PixArt Imaging Inc.
PMW3325DB-TWV1 General Datasheet
Optical Gaming Navigation Chip
1.3
Pins Description
Figure 2. Pin Configuration
Table 1. PMW3325DB Pins Description
Pin No.
Name
Type
Description
1
LED
Input
LED Illumination Control input
2
VDDPIX
Power
Regulator output for selective analog circuit
3
VDD
Power
Power supply
4
SCLK
In
Serial clock input
5
VDDIO
Power
Interface signal voltage level
6
GND
Gnd
Ground
7
SDIO
Input/Output
Serial data in/out
8
NCS
Input
Chip select (active low)


Similar Part No. - PMW3325DB-TWV1

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PMW3320DB-TYDU PIXART-PMW3320DB-TYDU Datasheet
458Kb / 9P
Entry-Gaming Optical Navigation Sensor
More results

Similar Description - PMW3325DB-TWV1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYONS2100 CYPRESS-CYONS2100 Datasheet
1Mb / 36P
OvationONS??II Wired Gaming Laser Navigation System-on-Chip
logo
Pixart Imaging Inc.
ADBS-A350 PIXART-ADBS-A350 Datasheet
1Mb / 55P
Optical Finger Navigation
ADNS-3050 PIXART-ADNS-3050 Datasheet
1Mb / 31P
Entry-level Gaming Optical Navigation Sensor
ADBS-A350 PIXART-ADBS-A350_17 Datasheet
2Mb / 16P
Optical Finger Navigation Chip
ADNS-3050 PIXART-ADNS-3050_17 Datasheet
1Mb / 9P
Entry-level Gaming Optical Navigation Sensor
PMW3320DB-TYDU PIXART-PMW3320DB-TYDU Datasheet
458Kb / 9P
Entry-Gaming Optical Navigation Sensor
PMW3330DM-TZQU PIXART-PMW3330DM-TZQU Datasheet
782Kb / 9P
Optical Gaming Navigation Sensor
PMW3360DM-T2QU PIXART-PMW3360DM-T2QU Datasheet
2Mb / 18P
Optical Gaming Navigation Sensor
PMW3330DM-T2QU PIXART-PMW3330DM-T2QU Datasheet
2Mb / 18P
Optical Gaming Navigation Sensor
PMW3389DM-T3QU PIXART-PMW3389DM-T3QU Datasheet
1Mb / 20P
Optical Gaming Navigation Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com