Electronic Components Datasheet Search
  English  ▼

X  

PMW3325DB-TWV1 Datasheet(PDF) 6 Page - Pixart Imaging Inc.

Part # PMW3325DB-TWV1
Description  Optical Gaming Navigation Chip
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PMW3325DB-TWV1 Datasheet(HTML) 6 Page - Pixart Imaging Inc.

Back Button PMW3325DB-TWV1 Datasheet HTML 2Page - Pixart Imaging Inc. PMW3325DB-TWV1 Datasheet HTML 3Page - Pixart Imaging Inc. PMW3325DB-TWV1 Datasheet HTML 4Page - Pixart Imaging Inc. PMW3325DB-TWV1 Datasheet HTML 5Page - Pixart Imaging Inc. PMW3325DB-TWV1 Datasheet HTML 6Page - Pixart Imaging Inc. PMW3325DB-TWV1 Datasheet HTML 7Page - Pixart Imaging Inc. PMW3325DB-TWV1 Datasheet HTML 8Page - Pixart Imaging Inc. PMW3325DB-TWV1 Datasheet HTML 9Page - Pixart Imaging Inc. PMW3325DB-TWV1 Datasheet HTML 10Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
Version 1.40 |12 Aug 2016 | 31005AEN
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
PixArt Imaging Inc.
PMW3325DB-TWV1 General Datasheet
Optical Gaming Navigation Chip
Operating Specifications
2.1
Absolute Maximum Ratings
Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These
are the stress ratings only and functional operation of the device at these or any other condition beyond those indicated
for extended period of time may affect device reliability.
Table 2. Absolute Maximum Ratings
Parameters
Symbol
Min.
Max.
Unit Notes
Storage Temperature
TS
-40
85
°C
Lead Solder Temperature
TSOLDER
260
°C
For 10 seconds, 1.6mm below
seating plane
Supply Voltage
VDD
-0.5
2.15
V
Including VNA of 100 mVpp
ESD
ESDHBM
2
kV
All pins, Human Body Model MIL
883 Method 3015
Input Voltage
VIN
-0.5
Vdd+0.5
V
All digital pins
Output Latch up Current
mA
200
All digital pins
Notes:
1.
Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are the
stress ratings only and functional operation of the device at these or any other condition beyond those indicated for extended
period of time may affect device reliability.
2.
The maximum ratings do not reflect eye-safe operation.
3.
The inherent design of this component causes it to be sensitive to electrostatic discharge. The ESD threshold is listed above. To
prevent ESD induced damage, take adequate ESD precautions when handling this product
2.2
Recommended Operating Conditions
Table 3. Recommended Operating Conditions
Description
Symbol
Min.
Typ.
Max.
Unit Notes
Operating Temperature
TA
0
40
°C
Power Supply Voltage
VDD
1.80
2.00
2.10
V
Power Supply Rise Time
tRT
0.15
20
ms
0 to VDD
Supply Noise (Sinusoidal)
VNA
100
mVp-p 10kHz – 50MHz
Serial Port Clock Frequency
fSCLK
2
MHz Active drive, 50% duty cycle
Distance from Lens
Reference Plane to Tracking
Surface
Z
2.20
2.40
2.60
mm
Results in +/-0.2 mm minimum DOF.
Speed
S
100
ips
Acceleration
A
20
g
In run mode
Load Capacitance
Cout
100
pF
SDIO and MOTION
Note: PixArt does not guarantee the chip performance if the operating temperature is beyond the specified limit.


Similar Part No. - PMW3325DB-TWV1

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PMW3320DB-TYDU PIXART-PMW3320DB-TYDU Datasheet
458Kb / 9P
   Entry-Gaming Optical Navigation Sensor
More results

Similar Description - PMW3325DB-TWV1

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PMW3389DM-T3QU PIXART-PMW3389DM-T3QU Datasheet
1Mb / 20P
   Optical Gaming Navigation Chip
PMW3330DM-T2QU PIXART-PMW3330DM-T2QU Datasheet
2Mb / 18P
   Optical Gaming Navigation Sensor
PMW3360DM-T2QU PIXART-PMW3360DM-T2QU Datasheet
2Mb / 18P
   Optical Gaming Navigation Sensor
PMW3330DM-TZQU PIXART-PMW3330DM-TZQU Datasheet
782Kb / 9P
   Optical Gaming Navigation Sensor
PMW3320DB-TYDU PIXART-PMW3320DB-TYDU Datasheet
458Kb / 9P
   Entry-Gaming Optical Navigation Sensor
ADNS-3050 PIXART-ADNS-3050 Datasheet
1Mb / 31P
   Entry-level Gaming Optical Navigation Sensor
ADNS-3050 PIXART-ADNS-3050_17 Datasheet
1Mb / 9P
   Entry-level Gaming Optical Navigation Sensor
ADBS-A350 PIXART-ADBS-A350_17 Datasheet
2Mb / 16P
   Optical Finger Navigation Chip
logo
Cypress Semiconductor
CYONS2100 CYPRESS-CYONS2100 Datasheet
1Mb / 36P
   OvationONS??II Wired Gaming Laser Navigation System-on-Chip
logo
Pixart Imaging Inc.
ADBS-A350 PIXART-ADBS-A350 Datasheet
1Mb / 55P
   Optical Finger Navigation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com