Electronic Components Datasheet Search
  English  ▼

X  

PMW3325DB-TWV1 Datasheet(PDF) 8 Page - Pixart Imaging Inc.

Part # PMW3325DB-TWV1
Description  Optical Gaming Navigation Chip
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PMW3325DB-TWV1 Datasheet(HTML) 8 Page - Pixart Imaging Inc.

Back Button PMW3325DB-TWV1 Datasheet HTML 4Page - Pixart Imaging Inc. PMW3325DB-TWV1 Datasheet HTML 5Page - Pixart Imaging Inc. PMW3325DB-TWV1 Datasheet HTML 6Page - Pixart Imaging Inc. PMW3325DB-TWV1 Datasheet HTML 7Page - Pixart Imaging Inc. PMW3325DB-TWV1 Datasheet HTML 8Page - Pixart Imaging Inc. PMW3325DB-TWV1 Datasheet HTML 9Page - Pixart Imaging Inc. PMW3325DB-TWV1 Datasheet HTML 10Page - Pixart Imaging Inc. PMW3325DB-TWV1 Datasheet HTML 11Page - Pixart Imaging Inc. PMW3325DB-TWV1 Datasheet HTML 12Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
Version 1.40 |12 Aug 2016 | 31005AEN
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
PixArt Imaging Inc.
PMW3325DB-TWV1 General Datasheet
Optical Gaming Navigation Chip
2.5
AC Characteristics
Table 6. AC Electrical Specifications
Parameters
Symbol
Min.
Typ.
Max.
Unit Conditions
Motion Delay After Reset
tMOT-RST
50
ms
From reset to valid motion,
assuming motion is present
Shutdown
tSTDWN
500
s
From Shutdown mode active to low
current
Wake up from Shutdown
tWAKEUP
50
60
ms
From Shutdown mode inactive to
valid motion.
Notes: A RESET must be asserted
after a shutdown. Refer to section
“Notes on Shutdown”, also note
tMOT-RST.
SDIO Output Rise Time
tr-SDIO
50
ns
CL = 100pF
SDIO Output Fall Time
tf-SDIO
50
ns
CL = 100pF
SDIO Output Delay After SCLK
tDLY-SDIO
90
ns
From SCLK falling edge to SDIO
output data valid, no load condition
SDIO Output Hold Time
thold- SDIO
200
ns
Data held until next falling SCLK
edge
SDIO input Hold Time
thold- SDIO input
200
ns
Amount of time data is valid after
SCLK rising edge
SDIO input Setup Time
tsetup- SDIO input
120
ns
From data valid to SCLK rising edge
SPI Time Between Write
Commands
tSWW
45
s
From rising SCLK for last bit of the
first data byte, to rising SCLK for
last bit of the second data byte.
SPI Time Between Write And
Read Commands
tSWR
45
s
From rising SCLK for last bit of the
1st data byte, to rising SCLK for last
bit of the second address byte
SPI Time Between Read And
Subsequent Commands
tSRW
tSRR
20
s
From rising SCLK for last bit of the
1st data byte, to falling SCLK for the
1st bit of data being read.
SPI Read Address-Data Delay
tSRAD
35
s
From rising SCLK for last bit of the
address byte, to falling SCLK for the
1st bit of data being read.
NCS Inactive After Motion
Burst
tBEXIT
500
ns
Minimum NCS inactive time after
motion burst before next SPI usage
NCS To SCLK Active
tNCS-SCLK
120
ns
From last NCS falling edge to 1st
SCK rising edge.
SCLK To NCS Inactive SDIO
Write
tSCLK-NCS write
120
ns
From last SCLK falling edge to NCS
rising edge, for valid SDIO data
transfer


Similar Part No. - PMW3325DB-TWV1

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PMW3320DB-TYDU PIXART-PMW3320DB-TYDU Datasheet
458Kb / 9P
   Entry-Gaming Optical Navigation Sensor
More results

Similar Description - PMW3325DB-TWV1

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PMW3389DM-T3QU PIXART-PMW3389DM-T3QU Datasheet
1Mb / 20P
   Optical Gaming Navigation Chip
PMW3330DM-T2QU PIXART-PMW3330DM-T2QU Datasheet
2Mb / 18P
   Optical Gaming Navigation Sensor
PMW3360DM-T2QU PIXART-PMW3360DM-T2QU Datasheet
2Mb / 18P
   Optical Gaming Navigation Sensor
PMW3330DM-TZQU PIXART-PMW3330DM-TZQU Datasheet
782Kb / 9P
   Optical Gaming Navigation Sensor
PMW3320DB-TYDU PIXART-PMW3320DB-TYDU Datasheet
458Kb / 9P
   Entry-Gaming Optical Navigation Sensor
ADNS-3050 PIXART-ADNS-3050 Datasheet
1Mb / 31P
   Entry-level Gaming Optical Navigation Sensor
ADNS-3050 PIXART-ADNS-3050_17 Datasheet
1Mb / 9P
   Entry-level Gaming Optical Navigation Sensor
ADBS-A350 PIXART-ADBS-A350_17 Datasheet
2Mb / 16P
   Optical Finger Navigation Chip
logo
Cypress Semiconductor
CYONS2100 CYPRESS-CYONS2100 Datasheet
1Mb / 36P
   OvationONS??II Wired Gaming Laser Navigation System-on-Chip
logo
Pixart Imaging Inc.
ADBS-A350 PIXART-ADBS-A350 Datasheet
1Mb / 55P
   Optical Finger Navigation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com