Electronic Components Datasheet Search
  English  ▼

X  

PMW3325DB-TWV1 Datasheet(PDF) 16 Page - Pixart Imaging Inc.

Part # PMW3325DB-TWV1
Description  Optical Gaming Navigation Chip
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PMW3325DB-TWV1 Datasheet(HTML) 16 Page - Pixart Imaging Inc.

Back Button PMW3325DB-TWV1 Datasheet HTML 11Page - Pixart Imaging Inc. PMW3325DB-TWV1 Datasheet HTML 12Page - Pixart Imaging Inc. PMW3325DB-TWV1 Datasheet HTML 13Page - Pixart Imaging Inc. PMW3325DB-TWV1 Datasheet HTML 14Page - Pixart Imaging Inc. PMW3325DB-TWV1 Datasheet HTML 15Page - Pixart Imaging Inc. PMW3325DB-TWV1 Datasheet HTML 16Page - Pixart Imaging Inc. PMW3325DB-TWV1 Datasheet HTML 17Page - Pixart Imaging Inc. PMW3325DB-TWV1 Datasheet HTML 18Page - Pixart Imaging Inc. PMW3325DB-TWV1 Datasheet HTML 19Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
16
Version 1.40 |12 Aug 2016 | 31005AEN
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
PixArt Imaging Inc.
PMW3325DB-TWV1 General Datasheet
Optical Gaming Navigation Chip
System Level Description
4.1
Reference Application Schematic Diagram
Figure 11. PMW3325DB-TWV1 Reference Mouse Schematic
The RLED value shown in the reference circuit above is used with VDD 1.8V supply connected to LED. For other VDD value,
the RLED value has to be adjusted in order to obtain the 8mA current for LED.


Similar Part No. - PMW3325DB-TWV1

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PMW3320DB-TYDU PIXART-PMW3320DB-TYDU Datasheet
458Kb / 9P
Entry-Gaming Optical Navigation Sensor
More results

Similar Description - PMW3325DB-TWV1

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PMW3389DM-T3QU PIXART-PMW3389DM-T3QU Datasheet
1Mb / 20P
Optical Gaming Navigation Chip
PMW3330DM-T2QU PIXART-PMW3330DM-T2QU Datasheet
2Mb / 18P
Optical Gaming Navigation Sensor
PMW3360DM-T2QU PIXART-PMW3360DM-T2QU Datasheet
2Mb / 18P
Optical Gaming Navigation Sensor
PMW3330DM-TZQU PIXART-PMW3330DM-TZQU Datasheet
782Kb / 9P
Optical Gaming Navigation Sensor
PMW3320DB-TYDU PIXART-PMW3320DB-TYDU Datasheet
458Kb / 9P
Entry-Gaming Optical Navigation Sensor
ADNS-3050 PIXART-ADNS-3050 Datasheet
1Mb / 31P
Entry-level Gaming Optical Navigation Sensor
ADNS-3050 PIXART-ADNS-3050_17 Datasheet
1Mb / 9P
Entry-level Gaming Optical Navigation Sensor
ADBS-A350 PIXART-ADBS-A350_17 Datasheet
2Mb / 16P
Optical Finger Navigation Chip
logo
Cypress Semiconductor
CYONS2100 CYPRESS-CYONS2100 Datasheet
1Mb / 36P
OvationONS??II Wired Gaming Laser Navigation System-on-Chip
logo
Pixart Imaging Inc.
ADBS-A350 PIXART-ADBS-A350 Datasheet
1Mb / 55P
Optical Finger Navigation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com