Electronic Components Datasheet Search
  English  ▼

X  

MB91F577CHPMC Datasheet(PDF) 108 Page - Cypress Semiconductor

Part # MB91F577CHPMC
Description  32-bit RISC, load/store architecture, 5-stage pipeline
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F577CHPMC Datasheet(HTML) 108 Page - Cypress Semiconductor

Back Button MB91F577CHPMC Datasheet HTML 104Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 105Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 106Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 107Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 108Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 109Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 110Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 111Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 112Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 163 page
background image
Document Number: 002-04725 Rev.*A
Page 108 of 163
MB91570 Series
13.3 DC characteristics
(TA: Recommended operating conditions, VCC5 = 5.0V±10%, VCCE = 5.0V±10%, VSS = DVSS = AVSS = 0.0V)
Parameter
Symbol
Pin name
Condition
Value
Unit
Remarks
Min
Typ
Max
“H” level input
voltage
VIH1
P010 to P017,
P020 to P027,
P030 to P036
CMOS input
level is selected
0.7×VCCE
–
VCC5
+0.3
V
*
VIH2
CMOS
hysteresis
input level is
selected
0.7×VCCE
–
VCC5
+0.3
V
*
VIH3
Automotive
input level is
selected
0.8×VCCE
–
VCC5
+0.3
V
*
VIH4
TTL input level
is selected
2.0
–
VCC5
+0.3
V
*
VIH5
P000 to P007,
P037,
P040 to P047,
P050 to P057,
P060 to P067,
P070 to P077,
P080 to P087,
P090 to P097,
P100 to P107,
P110 to P117,
P120 to P127,
P130 to P137,
P140 to P147,
P150 to P157,
P160 to P167,
P170 to P177,
P180 to P187,
P190 to P197
*1
CMOS input
level is selected
0.7×VCC5
–
VCC5
+0.3
V
VIH6
CMOS
hysteresis
input level is
selected
0.7×VCC5
–
VCC5
+0.3
V
VIH7
Automotive
input level is
selected
0.8×VCC5
–
VCC5
+0.3
V
VIH8
TTL input level
is selected
2.0
–
VCC5
+0.3
V
VIH9
RSTX, NMIX, MD2
–
0.7×VCC5
–
VCC5
+0.3
V
VIH10
MD0, MD1
–
0.7×VCC5
–
VCC5
+0.3
V
VIH11
DEBUGIF
–
2.0
–
VCC5
+0.3
V
* : VCCE = 5.0V±10%, or VCCE = 3.0 to 3.6V
*1: MB91F578/9 only supports P140 to P147, P150 to P157, P160 to P167, P170 to P177, P180 to P187, P190 to P197.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com