Electronic Components Datasheet Search
  English  ▼

X  

MB91F577CHPMC Datasheet(PDF) 129 Page - Cypress Semiconductor

Part # MB91F577CHPMC
Description  32-bit RISC, load/store architecture, 5-stage pipeline
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F577CHPMC Datasheet(HTML) 129 Page - Cypress Semiconductor

Back Button MB91F577CHPMC Datasheet HTML 125Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 126Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 127Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 128Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 129Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 130Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 131Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 132Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 133Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 163 page
background image
Document Number: 002-04725 Rev.*A
Page 129 of 163
MB91570 Series
13.4.5.2
External clock (EXT = 1): asynchronous only
(TA: Recommended operating conditions, VCC5 = 5.0V±10%, VCCE = 5.0V±10%, VSS = AVSS = 0.0V)
Parameter
Symbol
Pin name
Conditions
Value
Unit
Min
Max
Serial clock "H" pulse width
tSHSL
SCK0, SCK1,
SCK8, SCK9
CL=50pF
(When drive capability is
2mA or more.)
CL=20pF
(When drive capability is
1mA)
tCPP+10
-
ns
Serial clock "L" pulse width
tSLSH
tCPP+10
-
ns
SCK fall time
tF
-
5
ns
SCK rise time
tR
-
5
ns
tSHSL
VIL
VIL
VIL
VIH
VIH
VIH
tR
tF
tSLSH
SCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com