Electronic Components Datasheet Search
  English  ▼

X  

1324000000 Datasheet(PDF) 153 Page - List of Unclassifed Manufacturers

Part # 1324000000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1324000000 Datasheet(HTML) 153 Page - List of Unclassifed Manufacturers

Back Button 1324000000 Datasheet HTML 149Page - List of Unclassifed Manufacturers 1324000000 Datasheet HTML 150Page - List of Unclassifed Manufacturers 1324000000 Datasheet HTML 151Page - List of Unclassifed Manufacturers 1324000000 Datasheet HTML 152Page - List of Unclassifed Manufacturers 1324000000 Datasheet HTML 153Page - List of Unclassifed Manufacturers 1324000000 Datasheet HTML 154Page - List of Unclassifed Manufacturers 1324000000 Datasheet HTML 155Page - List of Unclassifed Manufacturers 1324000000 Datasheet HTML 156Page - List of Unclassifed Manufacturers 1324000000 Datasheet HTML 157Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 164 page
background image
For Secondary Services, Product Support, or To Order, Call 1-301-696-9800
151
Tolerances
1) Determining the spatial diagonal:
The spatial diagonal R is that between the extreme points of the casting.
It is calculated from the nominal dimensions of the prismatic body, which delimits the casting, whatever its shape
R = l2 + b2 + h2 (spatial diagonal)
±0.14
±0.24
±0.17
±0.32
±0.22
±0.42
±0.25
±0.55
Intrinsic
Non-Intrinsic
Intrinsic
Non-Intrinsic
Intrinsic
Non-Intrinsic
Intrinsic
Non-Intrinsic
GTA 13
GTA 13/5
GTA 14
GTA 14/5
over 180
over 50
up to 500
over 180
over 500
±0.17
±0.27
±0.20
±0.35
±0.26
±0.46
±0.35
±0.65
±0.20
±0.30
±0.25
±0.40
±0.31
±0.51
±0.40
±0.70
±0.23
±0.33
±0.30
±0.45
±0.37
±0.57
±0.45
±0.75
±0.27
±0.37
±0.35
±0.50
±0.44
±0.64
±0.55
±0.85
±0.32
±0.42
±0.40
±0.55
±0.50
±0.70
±0.65
±0.95
±0.45
±0.60
±0.60
±0.80
±0.75
±1.00
±0.50
±0.65
±0.65
±0.85
±0.80
±1.10
±0.55
±0.70
±0.70
±0.90
±0.85
±1.10
±0.60
±0.75
±0.80
±1.00
±0.95
±1.20
±0.90
±1.10
±1.10
±1.40
±1.00
±1.20
±1.20
±1.50
±1.20
±1.40
±1.40
±1.70
±1.30
±1.50
±1.60
±1.90
over
30
up to
50
over
120
up to
180
over
180
up to
250
over
1000
up to
1250
over
400
up to
500
over
250
up to
315
over
50
up to
80
over
18
up to
30
over
500
up to
630
over
315
up to
400
Shape
dependency
Aluminum
TOLERANCES FOR
PRESSURE DIECASTINGS
(DIN 1688)*
Table 1. Tolerances of dimensions for lengths, widths, heights, central distances, diameters and roundings.
Intrinsic dimensions are those in the same parts of the tool.
Non-intrinsic dimensions are those created by the interaction of movable tool components, e.g. wall thickness and base
thickness or dimensions affected by additives or extenders.
Nominal Dimension Area
up to
18
over
80
up to
120
over
630
up to
800
over
800
up to
1000
Spatial
diagonal
area
Degree of
exactitude
*Important: We assume no liability for quoted standards.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com