Electronic Components Datasheet Search
  English  ▼

X  

1324000000 Datasheet(PDF) 159 Page - List of Unclassifed Manufacturers

Part # 1324000000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1324000000 Datasheet(HTML) 159 Page - List of Unclassifed Manufacturers

Back Button 1324000000 Datasheet HTML 155Page - List of Unclassifed Manufacturers 1324000000 Datasheet HTML 156Page - List of Unclassifed Manufacturers 1324000000 Datasheet HTML 157Page - List of Unclassifed Manufacturers 1324000000 Datasheet HTML 158Page - List of Unclassifed Manufacturers 1324000000 Datasheet HTML 159Page - List of Unclassifed Manufacturers 1324000000 Datasheet HTML 160Page - List of Unclassifed Manufacturers 1324000000 Datasheet HTML 161Page - List of Unclassifed Manufacturers 1324000000 Datasheet HTML 162Page - List of Unclassifed Manufacturers 1324000000 Datasheet HTML 163Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 164 page
background image
For Secondary Services, Product Support, or To Order, Call 1-301-696-9800
157
Comparison of NEMA and IEC Standards
ENCLOSURE TYPES
NEMA TO IEC
Enclosure Rating Comparison
NEMA
TYPE
IP 23
•
IP 30
•
IP 32
•
IP 64
•
IP 65
•
•
IP 66
•
•
IP 67
•
Note: This comparison table is an approximation of NEMA and IEC classifications and is for
reference only. Complete standards should be obtained from the appropriate association or agency.
Europe IEC specifications 144 & 529 define the degree of protection provided electrical enclosures to safeguard personnel
against electric shock and equipment within the enclosure from environmental contamination such as entry of water.
This is expressed by the letters IP followed by two numerals.
In the USA, NEMA and UL have established a rating system for enclosures which provided for different levels of protection. A
direct comparison between IEC and NEMA is not possible but the following table gives an approximate guide.
1
2
3
3R
4
4X
6
12
13
Protection Classifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com