Electronic Components Datasheet Search
  English  ▼

X  

0809052000 Datasheet(PDF) 126 Page - List of Unclassifed Manufacturers

Part # 0809052000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

0809052000 Datasheet(HTML) 126 Page - List of Unclassifed Manufacturers

Back Button 0809052000 Datasheet HTML 122Page - List of Unclassifed Manufacturers 0809052000 Datasheet HTML 123Page - List of Unclassifed Manufacturers 0809052000 Datasheet HTML 124Page - List of Unclassifed Manufacturers 0809052000 Datasheet HTML 125Page - List of Unclassifed Manufacturers 0809052000 Datasheet HTML 126Page - List of Unclassifed Manufacturers 0809052000 Datasheet HTML 127Page - List of Unclassifed Manufacturers 0809052000 Datasheet HTML 128Page - List of Unclassifed Manufacturers 0809052000 Datasheet HTML 129Page - List of Unclassifed Manufacturers 0809052000 Datasheet HTML 130Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 164 page
background image
www.Rose-Bopla.com
124
Polyamide Cable Glands
Type
Material
Color
Sealing Inset
External Seal
Ingress Protection
Temperature Range
Polyamide lock nut
Polyamide
RAL 7035
-
-
-
-40°F to +212°F
Type
Ingress Protection
Temperature Range
Material
Color
PA with bending protection
IP 54
IP 68 - 10 bar with seal
-40°F to +212°F
Polyamide
Black, RAL 9005
7
9
11
13.5
16
21
29
36
42
48
M 12
M 16
M 20
M 25
M 32
M 40
M 50
M 63
100
100
100
100
50
50
25
25
25
25
100
100
100
100
50
50
5
5
08020907 00
08020909 00
08020911 00
08020913 00
08020916 00
08020921 00
08020929 00
08020936 00
08020942 00
08020948 00
08090712 00
08090716 00
08090720 00
08090725 00
08090732 00
08090740 00
08090750 00
08090763 00
Type
Cable Ø
Pcs/Pack
Part Number
PG
Metric
7
9
11
13.5
16
21
M 12 x 1.5
M 16 x 1.5
M 20 x 1.5
M 25 x 1.5
50
50
50
50
25
20
50
50
50
20
08110107 00
08110109 00
08110111 00
08110113 00
08110116 00
08110121 00
08100112 00
08100116 00
08100120 00
08100125 00
Type
Cable Ø
Pcs/Pack
Part Number
PG
Metric
Type
Ingress Protection
Temperature Range
Material
MZI Cable Gland
IP 65
-4°F to +212°F
Polyamide
MZI 9
6 - 8
13.5
12060200 00
Model
Cable Ø
Connection Thread
Part Number
PG
MZI Cable Glands
Type
Material
Color
Sealing Inset
External Seal
Ingress Protection
Temperature Range
Blind Plugs
Polyamide
RAL 7035
-
-
IP 54
-10°F to +176°F
7
9
11
13.5
16
21
29
M 12 x 1.5
M 16 x 1.5
M 20 x 1.5
M 25 x 1.5
M 32 x 1.5
M 40 x 1.5
100
100
100
100
100
100
50
100
100
100
100
50
50
08020607 00
08020609 00
08020611 00
08020613 00
08020616 00
08020621 00
08020629 00
08090512 00
08090516 00
08090520 00
08090525 00
08090532 00
08090540 00
Type
Cable Ø
Pcs/Pack
Part Number
PG
Metric



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com