Electronic Components Datasheet Search
  English  ▼

X  

5201000000 Datasheet(PDF) 104 Page - List of Unclassifed Manufacturers

Part # 5201000000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

5201000000 Datasheet(HTML) 104 Page - List of Unclassifed Manufacturers

Back Button 5201000000 Datasheet HTML 100Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 101Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 102Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 103Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 104Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 105Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 106Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 107Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 108Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 164 page
background image
www.Rose-Bopla.com
102
www.Rose-Bopla.com
Rose Ex enclosures made of aluminum, polyester and
stainless steel correspond to ATEX guidelines. They
have the approval II 2G/2D and may be used in zones 1
and 2. The standard temperature range for applications
corresponds to T6, -4°F to +104°F; optionally aluminum
and stainless steel enclosures can be used from -67°F to
+203°F (corresponds to temperature classes T6, T5, T4);
and polyester enclosures from -67°F to +131°F
(corresponds to temperature classes T6, T5).
Ex enclosures
Aluminum Ex Enclosures
• Fully assembled enclosure with terminal blocks, cable glands and accessories
• Empty enclosures, component certified
Polyester Ex Enclosures
• More that 60 variations in more than 20 different sizes
• Worldwide use in all climate environments
Okta-Box Enclosures
• Fully assembled enclosure with terminal blocks, cable glands, and accessories.
• 9 variations in 3 sizes.
• Empty enclosure, component certified
Stainless Steel Ex Enclosures
• A rugged enclosure to meet the highest standards
• Robust material, safe system, terminal enclosure for increased and intrinsic
safety protection
Stainless Steel Enclosures with Hinged Lid, Ex-IGS
• Enclosures with hinged lid and terminals for instrinsic and increased safety protection
• Empty enclosure with EC - type examination certificate for individual fittings
Beluga
• Handheld empty enclosures for applications in hazardous environments
• 3 enclosure sizes, 180, 220, 380 mm and an optional display opening



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com