Electronic Components Datasheet Search
  English  ▼

X  

5201000000 Datasheet(PDF) 117 Page - List of Unclassifed Manufacturers

Part # 5201000000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

5201000000 Datasheet(HTML) 117 Page - List of Unclassifed Manufacturers

Back Button 5201000000 Datasheet HTML 113Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 114Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 115Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 116Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 117Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 118Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 119Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 120Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 121Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 164 page
background image
For Secondary Services, Product Support, or To Order, Call 1-301-696-9800
115
5400 Accessory Order Guide
Description
Panel
Description
Part
Number
Panel vs. Enclosure Size
• Heavy duty aluminum extrusion, self-reinforced with internal ribs and slots
• Choose front and rear panels in either clear anodized aluminum, black anodized
aluminum or mill finish aluminum
• Internal gasket protects against dust, water, chips and cutting fluids
5400 Machine Control
Technical Data
Body, doors and rear panel, agate gray, similar to RAL 7038.
Corner handles and lock, transport gray, similar to RAL 7043.
Custom colors on request.
Al SI 12, DIN 1725
Al Mg 3, DIN 1725
Al Mg Si 0.5, DIN 1725
Neoprene foam rubber
IP 65 to EN 60529, NEMA 12 including see-through door
-40°F to +176°F
Transparent door: +14°F to +140°F
Working Surface Height
Working Surface Width
Visible Surface Height
Visible Surface Width
Total Height
Total Width
10036001 00
10036002 00
10033101 00
Working Surface Height + 84mm
Working Surface Width + 84mm
Visible Surface Height + 75mm
Visible Surface Width + 75mm
Total Height + 48mm
Total Width + 48mm
M5 Captive Nuts for Internal Slots
M6 Captive Nuts for Internal Slots
Internal Mounting Brackets with nuts and bolts
Internal Shelf Bracket for 160mm depth
Internal Shelf Bracket for 240mm depth
Internal Shelf Bracket for 320mm depth
Gas Springs for Doors
External Keyboard Tray
Color
Material
Gasket Material
Protection Classifications
Temperature Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com