Electronic Components Datasheet Search
  English  ▼

X  

5201000000 Datasheet(PDF) 142 Page - List of Unclassifed Manufacturers

Part # 5201000000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

5201000000 Datasheet(HTML) 142 Page - List of Unclassifed Manufacturers

Back Button 5201000000 Datasheet HTML 138Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 139Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 140Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 141Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 142Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 143Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 144Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 145Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 146Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 164 page
background image
www.Rose-Bopla.com
140
Specifications
MPa
%
MPa
%
MPa
MPa
MPa
KJ/m2
KJ/m2
Jm
KJ/m2
Jm
KJ/m2
KJ/m2
KJ/m2
Mg/1000cy
--
W/m-°C
J/g-°C
°C
°C
°C
%
KV/mm
Ohms
Ohm-cm
%
Polycarbonate
Tensile stress, break
Tensile strain, break
Tensile stress, yield
Tensile strain, yield
Tensile modulus
Flexural stress, yield
Flexural modulus
Izod impact, unnotched
+ 23° C
- 30° C
+ 23° C
Izod impact, notched
+ 23° C
- 30° C
+ 23° C
Charpy impact, unnotched
+ 23° C
- 30° C
Charpy impact, notched
+ 23° C
Taber abrasion, CS-17, 1 kg
Ball indentation, 125° C
Thermal conductivity
Specific heat
Vicat Softening Temperature
Method b
Method a
Long term service temperature
Heat deflection temperature
Method A
Method B
Flame resistance test
Shrinkage
Dielectric strength, in air,
3.2mm
1.0 mm
in oil, 0.8mm
in oil, 1.6mm
in oil, 3.2mm
Surface resistivity
Volume resistivity
Permittivity
50 Hz
1MHz
Water absorption
23°C, 50% RH
23° C, storage in H2O
70
69
110
130
63
62
6
7
2350
90
97
2300
2340
No failure
No failure
3204
25
10
801
No failure
No failure
35
10
Passes
0.2
0.27
1.26
141
153
115-135
135
140
V-2
0.5-0.7
15
15
35
27
17
>10^15
10^15
2.7
2.7
0.15
0.35
ISO 527
ASTM D 638
ISO 527
ASTM D 638
ISO 527
ASTM D 638
ISO 527
ASTM D 638
ISO 527
ISO 178
ASTM D 790
ISO 178
ASTM D 790
ISO 180/1U
ISO 180/1U
ASTM D 4812
ISO 180/1A
ISO 180/1A
ASTM D 256
ISO 179/1eU
ISO 179/1eU
ISO 179/2C
ASTM 1044
IEC 60695-10-2
ISO 8302
ASTM C 177
ASTM C 351
ISO 306/ASTM D 1525
ISO 75
ISO 75
UL 94
ASTM D 149
IEC 60243-1
IEC 60243-1
IEC 60243-1
IEC 60243-1
IEC 60093
IEC 60093
IEC 60250
IEC 60250
ISO 62
ISO 62
Physical Properties
Unit of Measurement
Standard
Approx. Value
POLYCARBONATE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com