Electronic Components Datasheet Search
  English  ▼

X  

AD8661 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8661
Description  Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8661 Datasheet(HTML) 5 Page - Analog Devices

  AD8661_16 Datasheet HTML 1Page - Analog Devices AD8661_16 Datasheet HTML 2Page - Analog Devices AD8661_16 Datasheet HTML 3Page - Analog Devices AD8661_16 Datasheet HTML 4Page - Analog Devices AD8661_16 Datasheet HTML 5Page - Analog Devices AD8661_16 Datasheet HTML 6Page - Analog Devices AD8661_16 Datasheet HTML 7Page - Analog Devices AD8661_16 Datasheet HTML 8Page - Analog Devices AD8661_16 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet
AD8661/AD8662/AD8664
Rev. E | Page 5 of 16
AD8661 ELECTRICAL CHARACTERISTICS—LFCSP ONLY
VS = 5.0 V, VCM = VS/2, TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
V
OS
V
CM = VS/2
50
300
µV
−40°C < T
A < +85°C
2000
µV
Input Bias Current
I
B
0.3
1
pA
−40°C < T
A < +85°C
50
pA
Input Offset Current
I
OS
0.2
0.5
pA
−40°C < T
A < +85°C
20
pA
Input Voltage Range
−0.1
+3.0
V
Common-Mode Rejection Ratio
CMRR
V
CM = −0.1 V to +3.0 V
85
100
dB
−40°C < T
A < +85°C
80
100
dB
Large Signal Voltage Gain
A
VO
R
L = 2 kΩ, VO = 0.5 V to 4.5 V
100
240
V/mV
Offset Voltage Drift
TCV
OS
−40°C < T
A < +85°C
4
17
µV/°C
OUTPUT CHARACTERISTICS
Output Voltage High
V
OH
I
L = 1 mA
4.85
4.93
V
−40°C < T
A < +85°C
4.80
V
Output Voltage Low
V
OL
I
L = 1 mA
50
100
mV
−40°C < T
A < +85°C
120
mV
Short-Circuit Current
I
SC
±19
mA
Closed-Loop Output Impedance
Z
OUT
f = 1 MHz, A
V = 1
65
POWER SUPPLY
Supply Current per Amplifier
I
SY
V
O = VS/2
1.15
1.40
mA
−40°C < T
A < +85°C
1.8
mA
DYNAMIC PERFORMANCE
Slew Rate
SR
R
L = 2 kΩ
3.5
V/µs
Gain Bandwidth Product
GBP
4
MHz
Phase Margin
Φ
O
65
Degrees
NOISE PERFORMANCE
Peak-to-Peak Noise
e
n p-p
f = 0.1 Hz to 10 Hz
2.5
µV p-p
Voltage Noise Density
e
n
f = 1 kHz
12
nV/√Hz
f = 10 kHz
10
nV/√Hz
Current Noise Density
i
n
f = 1 kHz
0.1
pA/√Hz


Similar Part No. - AD8661_16

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8661 AD-AD8661_15 Datasheet
620Kb / 16P
   Low Noise, Precision 16 V CMOS
REV. D
More results

Similar Description - AD8661_16

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8661 AD-AD8661_06 Datasheet
613Kb / 16P
   Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
REV. D
AD8667ARMZ AD-AD8667ARMZ Datasheet
638Kb / 16P
   Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
REV. B
AD8663 AD-AD8663_07 Datasheet
825Kb / 16P
   Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
Rev. A
AD8663 AD-AD8663_08 Datasheet
1Mb / 16P
   Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
REV. B
AD8663 AD-AD8663_16 Datasheet
657Kb / 15P
   Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
AD8605ARTZ AD-AD8605ARTZ Datasheet
836Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. N
AD8605 AD-AD8605 Datasheet
559Kb / 20P
   Precision Low noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. D
AD8605 AD-AD8605_08 Datasheet
738Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. H
logo
STMicroelectronics
TSX711 STMICROELECTRONICS-TSX711 Datasheet
1Mb / 31P
   Low-power, precision, rail-to-rail, 2.7 MHz, 16 V CMOS operational amplifiers
March 2017 Rev 5
logo
Analog Devices
AD8603 AD-AD8603_05 Datasheet
457Kb / 20P
   Precision Micropower, Low Noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com