Electronic Components Datasheet Search
  English  ▼

X  

IS450 Datasheet(PDF) 6 Page - Sharp Corporation

Part # IS450
Description  OPIC LIGHT DETECTOR WITH BULLT-IN SIGNAL PROCESSING CIRCULT FOR LIGHT MODULATION SYSTEM
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

IS450 Datasheet(HTML) 6 Page - Sharp Corporation

  IS450 Datasheet HTML 1Page - Sharp Corporation IS450 Datasheet HTML 2Page - Sharp Corporation IS450 Datasheet HTML 3Page - Sharp Corporation IS450 Datasheet HTML 4Page - Sharp Corporation IS450 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 5 page
background image
IS61SP12832
6
Integrated Circuit Solution Inc.
SSR011-0B
OPERATING RANGE
Range
Ambient Temperature
VCC
Commercial
0°C to +70°C
3.3V,
+10%, –5%
Industrial
–40°C to +85°C
3.3V,
+10%, –5%
DC ELECTRICAL CHARACTERISTICS(1)
(Over Operating Range)
Symbol Parameter
Test Conditions
Min.
Max.
Unit
VOH
Output HIGH Voltage
IOH = –4.0 mA
2.4
—
V
VOL
Output LOW Voltage
IOL = 8.0 mA
—
0.4
V
VIH
Input HIGH Voltage
2.0
VCCQ + 0.3
V
VIL
Input LOW Voltage
–0.3
0.8
V
ILI
Input Leakage Current
GND < VIN < VCCQ
(2)
Com.
–2
2
µA
Ind.
–5
5
ILO
Output Leakage Current
GND
< VOUT < VCCQ,
OE = V
IH
Com.
–2
2
µA
Ind.
–5
5
POWER SUPPLY CHARACTERISTICS
(Over Operating Range)
-166
-150
-133
-117
-5
Symbol Parameter
Test Conditions
Typ. Max.
Typ. Max. Typ. Max.
Typ. Max
Typ. Max.
Unit
ICC
AC Operating
Device Selected,
Com.
200
230
190
220
180
210
175
205
170
200
mA
Supply Current
All Inputs = VIL or VIH
Ind.
—
—
200
230
190
220
185
215
180
210
mA
OE = V
IH
, Vcc = Max.
Cycle Time > tKC min.
ISB
Standby Current
Device Deselected,
Com.
45
70
45
70
45
70
45
65
45
65
mA
VCC = Max.,
Ind.
—
—
50
80
50
80
50
75
50
75
mA
All Inputs = VIH or VIL
CLK Cycle Time > tKC min.
IZZ
Power-down Mode
ZZ = VCCQ
Com.
—
5
—
5
—
5
—
5
—
5
mA
Current
Clock Running
Ind.
—
15
—
15
—
15
—
15
—
15
mA
All Inputs < GND + 0.2V
or > Vcc – 0.2V
Notes:
1.
The MODE pin has an internal pullup. This pin may be a No Connect, tied to GND, or tied to VCCQ.
2.
The MODE pin should be tied to Vcc or GND. It exhibits ±10 µA maximum leakage current when tied to < GND + 0.2V
or > Vcc – 0.2V.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com