Electronic Components Datasheet Search
  English  ▼

X  

IS31LT3354-STLS2 Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS31LT3354-STLS2
Description  40V LED DRIVER WITH EXTERNAL SWITCH
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS31LT3354-STLS2 Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS31LT3354-STLS2 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS31LT3354-STLS2 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS31LT3354-STLS2 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS31LT3354-STLS2 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS31LT3354-STLS2 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS31LT3354-STLS2 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS31LT3354-STLS2 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS31LT3354-STLS2 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS31LT3354-STLS2 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
IS31LT3354
Integrated Silicon Solution, Inc. – www.issi.com
Rev. A, 09/01/2011
1
40V LED DRIVER WITH EXTERNAL SWITCH
GENERAL DESCRIPTION
The IS31LT3354 is a continuous mode inductive
step-down converter, designed for driving a single LED
or multiple series connected LEDs efficiently from a
voltage source higher than the required LED voltage.
The device operates from an input supply between 6V
and 40V and provides an externally adjustable output
current of up to 2A or even higher, which is determined
by the external MOSFET and inductor.
The IS31LT3354 includes a high-side output current
sensing circuit, which uses an external resistor to set
the nominal average output current.
Output current can be adjusted linearly by applying an
external control signal to the ADJ pin. The ADJ pin will
accept either a DC voltage or a PWM waveform. This
will provide either a continuous or a gated output
current.
Applying a voltage of 0.2V or lower to the ADJ pin
turns the output off and switches the chip into a low
current standby state.
The chip is assembled in SOT23-5 package.
FEATURES
Simple low parts count
Wide input voltage range: 6V to 40V
Output Current only limited by external
component selection
High efficiency (up to 98% )
Typical 1200:1 dimming ratio
Typical 3% output current accuracy
Single pin on/off and brightness control using
DC voltage or PWM
Up to 1MHz switching frequency
Inherent open-circuit LED protection
Thermal shutdown protection circuitry
APPLICATIONS
Low voltage halogen replacement LEDs
Automotive lighting
Low voltage industrial lighting
LED back-up lighting
Illuminated sign
TYPICAL APPLICATION CIRCUIT
GND
ADJ
VIN
ISENSE
GATE
Rs
L1
D1
SN3354
C2
5
4
1
2
3
up to
10 LEDs
Vin(DC)=6V~40V
AP2306
C1
0.1uF
C3
Figure 1
Typical IS31LT3354 Application Schematic
 
 
 
 
 
 
 
 
 
 
Copyright © 2011 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any 
time without notice. ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are 
advised to obtain the latest version of this device specification before relying on any published information and before placing orders for products. 
Integrated  Silicon  Solution,  Inc.  does  not  recommend  the  use  of  any  of  its  products  in  life  support  applications  where  the  failure  or  malfunction  of  the 
product  can  reasonably  be  expected  to  cause  failure  of  the  life  support  system  or  to  significantly  affect  its  safety  or  effectiveness.  Products  are  not 
authorized for use in such applications unless Integrated Silicon Solution, Inc. receives written assurance to its satisfaction, that: 
a.) the risk of injury or damage has been minimized; 
b.) the user assume all such risks; and 
c.) potential liability of Integrated Silicon Solution, Inc is adequately protected under the circumstances
SEPTEMBER 2011
IS31LT3354


Similar Part No. - IS31LT3354-STLS2

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31LT3354-STLS2-TR ISSI-IS31LT3354-STLS2-TR Datasheet
301Kb / 12P
40V LED DRIVER WITH EXTERNAL SWITCH
More results

Similar Description - IS31LT3354-STLS2

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31LT3350 ISSI-IS31LT3350 Datasheet
421Kb / 12P
40V LED DRIVER WITH INTERNAL SWITCH
IS31LT3354 ISSI-IS31LT3354 Datasheet
301Kb / 12P
40V LED DRIVER WITH EXTERNAL SWITCH
logo
List of Unclassifed Man...
ZLED7000 ETC2-ZLED7000 Datasheet
706Kb / 20P
40V LED Driver with Internal Switch
logo
Unisonic Technologies
L4075 UTC-L4075 Datasheet
174Kb / 5P
40V LED DRIVER WITH INTERNAL SWITCH
logo
Integrated Device Techn...
ZLED7000 IDT-ZLED7000 Datasheet
564Kb / 18P
40V LED Driver with Internal Switch
logo
Integrated Silicon Solu...
IS31LT3350-V1SDLS2-TR ISSI-IS31LT3350-V1SDLS2-TR Datasheet
421Kb / 12P
40V LED DRIVER WITH INTERNAL SWITCH
IS31LT3354-STLS2-TR ISSI-IS31LT3354-STLS2-TR Datasheet
301Kb / 12P
40V LED DRIVER WITH EXTERNAL SWITCH
IS31LT3360-SDLS3-TR ISSI-IS31LT3360-SDLS3-TR Datasheet
438Kb / 15P
40V/1.2A LED DRIVER WITH INTERNAL SWITCH
logo
Unisonic Technologies
L4075 UTC-L4075_18 Datasheet
188Kb / 5P
40V LED DRIVER WITH INTERNAL SWITCH
logo
Renesas Technology Corp
ZLED7000 RENESAS-ZLED7000 Datasheet
739Kb / 19P
40V LED Driver with Internal Switch
April 20, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com