Electronic Components Datasheet Search
  English  ▼

X  

IS31LT3354-STLS2 Datasheet(PDF) 2 Page - Integrated Silicon Solution, Inc

Part # IS31LT3354-STLS2
Description  40V LED DRIVER WITH EXTERNAL SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS31LT3354-STLS2 Datasheet(HTML) 2 Page - Integrated Silicon Solution, Inc

  IS31LT3354-STLS2 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS31LT3354-STLS2 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS31LT3354-STLS2 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS31LT3354-STLS2 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS31LT3354-STLS2 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS31LT3354-STLS2 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS31LT3354-STLS2 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS31LT3354-STLS2 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS31LT3354-STLS2 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
IS31LT3354
Integrated Silicon Solution, Inc. – www.issi.com
Rev. A, 09/01/2011
2
PIN CONFIGURATION
Package
Pin Configuration (Top view)
SOT23-5
PIN DESCRIPTION
Pin Name
NO.
Description
GATE
1
Output gate driver for an external NMOSFET
GND
2
Ground (0V)
ADJ
3
Multi-function On/Off and brightness control pin:
* Leave floating for normal operation.(VADJ = VREF = 1.2V giving nominal average output current
IOUT nom =0.1/RS )
* Drive to voltage below 0.2V to turn off output current
* Drive with DC voltage (0.3V<VADJ <1.2V) to adjust output current from 25% to 100% of IOUTnom
* Drive with PWM signal to adjust output current.
* When driving the ADJ pin above 1.2V, the current will be clamped to 100% brightness
automatically.
ISENSE
4
Connect resistor RS from this pin to VIN to define nominal average output current IOUTnom
=0.1/RS
VIN
5
Input voltage (6V to 40V). Decouple to ground with 1μF or higher X7R ceramic capacitor close
to device
ORDERING INFORMATION
INDUSTRIAL RANGE: -40°C TO +85°C
Order Part No.
Package
QTY/Reel
IS31LT3354–STLS2-TR
SOT23-5, Lead-free
3000


Similar Part No. - IS31LT3354-STLS2

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31LT3354-STLS2-TR ISSI-IS31LT3354-STLS2-TR Datasheet
301Kb / 12P
40V LED DRIVER WITH EXTERNAL SWITCH
More results

Similar Description - IS31LT3354-STLS2

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31LT3350 ISSI-IS31LT3350 Datasheet
421Kb / 12P
40V LED DRIVER WITH INTERNAL SWITCH
IS31LT3354 ISSI-IS31LT3354 Datasheet
301Kb / 12P
40V LED DRIVER WITH EXTERNAL SWITCH
logo
List of Unclassifed Man...
ZLED7000 ETC2-ZLED7000 Datasheet
706Kb / 20P
40V LED Driver with Internal Switch
logo
Unisonic Technologies
L4075 UTC-L4075 Datasheet
174Kb / 5P
40V LED DRIVER WITH INTERNAL SWITCH
logo
Integrated Device Techn...
ZLED7000 IDT-ZLED7000 Datasheet
564Kb / 18P
40V LED Driver with Internal Switch
logo
Integrated Silicon Solu...
IS31LT3350-V1SDLS2-TR ISSI-IS31LT3350-V1SDLS2-TR Datasheet
421Kb / 12P
40V LED DRIVER WITH INTERNAL SWITCH
IS31LT3354-STLS2-TR ISSI-IS31LT3354-STLS2-TR Datasheet
301Kb / 12P
40V LED DRIVER WITH EXTERNAL SWITCH
IS31LT3360-SDLS3-TR ISSI-IS31LT3360-SDLS3-TR Datasheet
438Kb / 15P
40V/1.2A LED DRIVER WITH INTERNAL SWITCH
logo
Unisonic Technologies
L4075 UTC-L4075_18 Datasheet
188Kb / 5P
40V LED DRIVER WITH INTERNAL SWITCH
logo
Renesas Technology Corp
ZLED7000 RENESAS-ZLED7000 Datasheet
739Kb / 19P
40V LED Driver with Internal Switch
April 20, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com