Electronic Components Datasheet Search
  English  ▼

X  

IS31LT3354-STLS2 Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc

Part # IS31LT3354-STLS2
Description  40V LED DRIVER WITH EXTERNAL SWITCH
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS31LT3354-STLS2 Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS31LT3354-STLS2 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS31LT3354-STLS2 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS31LT3354-STLS2 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS31LT3354-STLS2 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS31LT3354-STLS2 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS31LT3354-STLS2 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS31LT3354-STLS2 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS31LT3354-STLS2 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS31LT3354-STLS2 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
IS31LT3354
Integrated Silicon Solution, Inc. – www.issi.com
Rev. A, 09/01/2011
3
ABSOLUTE MAXIMUM RATINGS
(NOTE 1)
Symbol
Parameter
Rating
VIN
Input voltage
-0.3V to +50V
VISENSE
ISENSE voltage
VIN+0.3V to VIN-5V ,VIN>5V
VIN+0.3V to -0.3V,VIN<5V
VGATE
GATE pin voltage
-0.3V to +6V
VADJ
Adjust pin input voltage
-0.3V to +6V
Ptot
Power dissipation
600mW @SOT23-5
TOP
Operating temperature
-40 to 85°C
TST
Storage temperature
-55 to 150°C
Tj MAX
Junction temperature
150°C
RJA
Junction to ambient
108°C/W @SOT23-5
ESD Susceptibility (human body model)
4kV
ELECTRICAL CHARACTERISTICS
TA = 25°C (Note 2)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VIN
Input voltage
6
40
V
IINQoff
Quiescent supply current with output off
ADJ pin grounded
80
95
110
μA
IINQon
Quiescent supply current with output
switching
ADJ pin floating
450
600
μA
VSENSE
Mean current sense threshold voltage
91
96
101
mV
VSENSEHYS
Sense threshold hysteresis
±15
%
ISENSE
ISENSE pin input current
VSENSE = 0.1V
8
10
μA
VREF
Internal reference voltage
Measured on ADJ pin
with pin floating
1.2
V
VADJ
External control voltage range on ADJ pin for
dc brightness control
0.3
1.2
V
VADJoff
DC voltage on ADJ pin to switch chip from
active (on) state to quiescent (off) state
VADJ falling
0.15
0.2
0.25
V
VADJon
DC voltage on ADJ pin to switch chip from
quiescent (off) state to active (on) state
VADJ rising
0.2
0.25
0.3
V
RADJ
Resistance between ADJ pin and VREF
500
KΩ


Similar Part No. - IS31LT3354-STLS2

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31LT3354-STLS2-TR ISSI-IS31LT3354-STLS2-TR Datasheet
301Kb / 12P
   40V LED DRIVER WITH EXTERNAL SWITCH
More results

Similar Description - IS31LT3354-STLS2

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31LT3354 ISSI-IS31LT3354 Datasheet
301Kb / 12P
   40V LED DRIVER WITH EXTERNAL SWITCH
IS31LT3354-STLS2-TR ISSI-IS31LT3354-STLS2-TR Datasheet
301Kb / 12P
   40V LED DRIVER WITH EXTERNAL SWITCH
IS31LT3350-V1SDLS2-TR ISSI-IS31LT3350-V1SDLS2-TR Datasheet
421Kb / 12P
   40V LED DRIVER WITH INTERNAL SWITCH
logo
List of Unclassifed Man...
ZLED7000 ETC2-ZLED7000 Datasheet
706Kb / 20P
   40V LED Driver with Internal Switch
logo
Unisonic Technologies
L4075 UTC-L4075 Datasheet
174Kb / 5P
   40V LED DRIVER WITH INTERNAL SWITCH
logo
Renesas Technology Corp
ZLED7000 RENESAS-ZLED7000 Datasheet
739Kb / 19P
   40V LED Driver with Internal Switch
April 20, 2016
logo
Integrated Silicon Solu...
IS31LT3350 ISSI-IS31LT3350 Datasheet
421Kb / 12P
   40V LED DRIVER WITH INTERNAL SWITCH
logo
Unisonic Technologies
L4075 UTC-L4075_18 Datasheet
188Kb / 5P
   40V LED DRIVER WITH INTERNAL SWITCH
logo
Integrated Device Techn...
ZLED7000 IDT-ZLED7000 Datasheet
564Kb / 18P
   40V LED Driver with Internal Switch
logo
Integrated Silicon Solu...
IS31LT3360-SDLS3-TR ISSI-IS31LT3360-SDLS3-TR Datasheet
438Kb / 15P
   40V/1.2A LED DRIVER WITH INTERNAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com