Electronic Components Datasheet Search
  English  ▼

X  

IS31LT3354-STLS2 Datasheet(PDF) 9 Page - Integrated Silicon Solution, Inc

Part # IS31LT3354-STLS2
Description  40V LED DRIVER WITH EXTERNAL SWITCH
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS31LT3354-STLS2 Datasheet(HTML) 9 Page - Integrated Silicon Solution, Inc

Back Button IS31LT3354-STLS2 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS31LT3354-STLS2 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS31LT3354-STLS2 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS31LT3354-STLS2 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS31LT3354-STLS2 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS31LT3354-STLS2 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS31LT3354-STLS2 Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS31LT3354-STLS2 Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS31LT3354-STLS2 Datasheet HTML 12Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
IS31LT3354
Integrated Silicon Solution, Inc. – www.issi.com
Rev. A, 09/01/2011
9
Example:
For VIN=12V, L=47μH, rL=0.64Ω, VLED=3.4V, Iavg
=333mA and VD =0.36V
TON = (47e-6 × 0.105)/(12 - 3.4 - 0.612) = 0.62μs
TOFF = (47e-6 × 0.105)/(3.4 + 0.36 + 0.322)= 1.21μs
This gives an operating frequency of 546kHz and a
duty cycle of 0.34
Optimum performance will be achieved by setting the
duty cycle close to 0.5 at the nominal supply voltage.
This helps to equalize the undershoot and overshoot
and improves temperature stability of the output
current.
Diode selection
For maximum efficiency and performance, the rectifier
(D1) should be a fast low capacitance Schottky diode
with low reverse leakage at the maximum operating
voltage and temperature.
If alternative diodes are used, it is important to select
parts with a peak current rating above the peak coil
current and a continuous current rating higher than the
maximum output load current. It is very important to
consider the reverse leakage of the diode when
operating above 85°C. Excess leakage will increase
the power dissipation in the device.
The higher forward voltage and overshoot due to
reverse recovery time in silicon diodes will increase the
peak voltage on the switch. If a silicon diode is used,
care should be taken to ensure that the total voltage
appearing across the switch including supply ripple,
does not exceed the specified maximum value.
Reducing output ripple
Peak to peak ripple current in the LED can be reduced,
if required, by shunting a capacitor Cled across the
LED(s) as shown below:
GND
ADJ
VIN
ISENSE
GATE
Rs
L1
D1
SN3354
C2
5
4
1
2
3
AP2306
C1
0.1uF
Cled
A value of 1μF will reduce nominal ripple current by a
factor three (approx.). Proportionally, lower ripple can
be achieved with higher capacitor values. Note that the
capacitor will not affect operating frequency or
efficiency, but it will increase start-up delay by
reducing the rate of rise of LED voltage.
Operation at low supply voltage
The internal regulator disables the driving to the switch
until the supply has risen above the startup threshold
set internally which makes the power MOSFET’s
on-resistance small enough. Above this threshold, the
chip will start to operate. However, with the supply
voltage below the specified minimum value, the switch
duty cycle will be high and the chip power dissipation
will be at a maximum. Care should be taken to avoid
operating the chip under such conditions in the
application, in order to minimize the risk of exceeding
the maximum allowed die temperature. (See next
section on thermal considerations).
Note that when driving loads of two or more LEDs, the
forward drop will normally be sufficient to prevent the
chip from switching below approximately 6V. This will
minimize the risk of damage to the chip.
Thermal considerations
The IS31LT3354 utilizes an external MOSFET to
switch the inductor current, and thus dissipates very
little power. The thermal characteristics of the
MOSFET dominate in typical application circuits for the
IS31LT3354. Care should be taken to ensure a large
copper ground plane and a good thermal conductivity
between the MOSFET and the ground plane.
Note that the switch power dissipation increases with
increasing supply voltage. This is caused primarily by
two things, the resulting increase in switching
frequency and the higher voltage across the switch
during the off time. This may result from the use of
unsuitable coils, or excessive parasitic output
capacitance on the switch output.
IS31LT3354


Similar Part No. - IS31LT3354-STLS2

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31LT3354-STLS2-TR ISSI-IS31LT3354-STLS2-TR Datasheet
301Kb / 12P
   40V LED DRIVER WITH EXTERNAL SWITCH
More results

Similar Description - IS31LT3354-STLS2

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31LT3354 ISSI-IS31LT3354 Datasheet
301Kb / 12P
   40V LED DRIVER WITH EXTERNAL SWITCH
IS31LT3354-STLS2-TR ISSI-IS31LT3354-STLS2-TR Datasheet
301Kb / 12P
   40V LED DRIVER WITH EXTERNAL SWITCH
IS31LT3350-V1SDLS2-TR ISSI-IS31LT3350-V1SDLS2-TR Datasheet
421Kb / 12P
   40V LED DRIVER WITH INTERNAL SWITCH
logo
List of Unclassifed Man...
ZLED7000 ETC2-ZLED7000 Datasheet
706Kb / 20P
   40V LED Driver with Internal Switch
logo
Unisonic Technologies
L4075 UTC-L4075 Datasheet
174Kb / 5P
   40V LED DRIVER WITH INTERNAL SWITCH
logo
Renesas Technology Corp
ZLED7000 RENESAS-ZLED7000 Datasheet
739Kb / 19P
   40V LED Driver with Internal Switch
April 20, 2016
logo
Integrated Silicon Solu...
IS31LT3350 ISSI-IS31LT3350 Datasheet
421Kb / 12P
   40V LED DRIVER WITH INTERNAL SWITCH
logo
Unisonic Technologies
L4075 UTC-L4075_18 Datasheet
188Kb / 5P
   40V LED DRIVER WITH INTERNAL SWITCH
logo
Integrated Device Techn...
ZLED7000 IDT-ZLED7000 Datasheet
564Kb / 18P
   40V LED Driver with Internal Switch
logo
Integrated Silicon Solu...
IS31LT3360-SDLS3-TR ISSI-IS31LT3360-SDLS3-TR Datasheet
438Kb / 15P
   40V/1.2A LED DRIVER WITH INTERNAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com