Electronic Components Datasheet Search
  English  ▼

X  

IS31LT3354-STLS2-TR Datasheet(PDF) 7 Page - Integrated Silicon Solution, Inc

Part # IS31LT3354-STLS2-TR
Description  40V LED DRIVER WITH EXTERNAL SWITCH
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS31LT3354-STLS2-TR Datasheet(HTML) 7 Page - Integrated Silicon Solution, Inc

Back Button IS31LT3354-STLS2-TR Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS31LT3354-STLS2-TR Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS31LT3354-STLS2-TR Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS31LT3354-STLS2-TR Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS31LT3354-STLS2-TR Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS31LT3354-STLS2-TR Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS31LT3354-STLS2-TR Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS31LT3354-STLS2-TR Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS31LT3354-STLS2-TR Datasheet HTML 11Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
IS31LT3354
Integrated Silicon Solution, Inc. – www.issi.com
Rev. A, 09/01/2011
7
APPLICATION INFORMATION
Setting nominal average output current with
external resistor RS
The nominal average output current in the LED(s) is
determined by the value of the external current sense
resistor (RS) connected between VIN and ISENSE and is
given by:
IOUT nom = 0.1/RS
The table below gives values of nominal average
output current for several preferred values of current
setting resistor (RS) in the typical application circuit
shown on page 1:
RS (Ω)
Nominal average
output current (mA)
0.05
2000
0.083
1200
0.15
667
0.3
333
Vsense is divided into two ranges to improve current
accuracy, please refer to bin information on page 3.
The above values assume that the ADJ pin is floating
and at a nominal voltage of VREF =1.2V.
It is possible to use different values of RS if the ADJ pin
is driven from an external voltage.
Rs need to be chosen 1% accuracy resistor with
enough power tolerance and good temperature
characteristic to ensure stable output current.
Output current adjustment by external DC
control voltage
The ADJ pin can be driven by an external dc voltage
(VADJ), as shown, to adjust the output current to a value
above or below the nominal average value defined by
RS.
ADJ
GND
SN3354
DC
The nominal average output current in this case is
given by:
IOUTdc = 0.083*VADJ/RS [for 0.3V< VADJ <1.2V]
Note that 100% brightness setting corresponds to VADJ
= VREF. When driving the ADJ pin above 1.2V, the
current will be clamped to 100% brightness
automatically.
The input impedance of the ADJ pin is 500kΩ ±25%.
Output current adjustment by PWM control
Directly driving ADJ input
A Pulse Width Modulated (PWM) signal with duty cycle
DPWM can be applied to the ADJ pin, as shown below,
to adjust the output current to a value below the
nominal average value set by resistor RS ,the signal
range is from 0V~5V. The PWM signal must have the
driving ability to drive internal 500KΩ pull-up resistor.
ADJ
GND
SN3354
0v
5v
Driving the ADJ input from a microcontroller
Another possibility is to drive the chip from the open
drain output of a microcontroller. The diagram below
shows one method of doing this:
The diode and resistor suppress possible high
amplitude negative spikes on the ADJ input resulting
from the drain-source capacitance of the FET.
Negative spikes at the input to the chip should be
avoided as they may cause errors in output current or
erratic device operation.
See the section on PWM dimming for more details of
the various modes of control using high frequency and
low frequency PWM signals.
Shutdown mode
Taking the ADJ pin to a voltage below 0.2V will turn off
the output and supply current will fall to a low standby
level of 95μA nominal.
IS31LT3354
IS31LT3354
IS31LT3354


Similar Part No. - IS31LT3354-STLS2-TR

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31LT3354-STLS2 ISSI-IS31LT3354-STLS2 Datasheet
301Kb / 12P
   40V LED DRIVER WITH EXTERNAL SWITCH
More results

Similar Description - IS31LT3354-STLS2-TR

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31LT3354-STLS2 ISSI-IS31LT3354-STLS2 Datasheet
301Kb / 12P
   40V LED DRIVER WITH EXTERNAL SWITCH
IS31LT3354 ISSI-IS31LT3354 Datasheet
301Kb / 12P
   40V LED DRIVER WITH EXTERNAL SWITCH
IS31LT3350-V1SDLS2-TR ISSI-IS31LT3350-V1SDLS2-TR Datasheet
421Kb / 12P
   40V LED DRIVER WITH INTERNAL SWITCH
logo
List of Unclassifed Man...
ZLED7000 ETC2-ZLED7000 Datasheet
706Kb / 20P
   40V LED Driver with Internal Switch
logo
Unisonic Technologies
L4075 UTC-L4075 Datasheet
174Kb / 5P
   40V LED DRIVER WITH INTERNAL SWITCH
logo
Renesas Technology Corp
ZLED7000 RENESAS-ZLED7000 Datasheet
739Kb / 19P
   40V LED Driver with Internal Switch
April 20, 2016
logo
Integrated Silicon Solu...
IS31LT3350 ISSI-IS31LT3350 Datasheet
421Kb / 12P
   40V LED DRIVER WITH INTERNAL SWITCH
logo
Unisonic Technologies
L4075 UTC-L4075_18 Datasheet
188Kb / 5P
   40V LED DRIVER WITH INTERNAL SWITCH
logo
Integrated Device Techn...
ZLED7000 IDT-ZLED7000 Datasheet
564Kb / 18P
   40V LED Driver with Internal Switch
logo
Integrated Silicon Solu...
IS31LT3360-SDLS3-TR ISSI-IS31LT3360-SDLS3-TR Datasheet
438Kb / 15P
   40V/1.2A LED DRIVER WITH INTERNAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com