Electronic Components Datasheet Search
  English  ▼

X  

EUP2537 Datasheet(PDF) 1 Page - Eutech Microelectronics Inc

Part # EUP2537
Description  10 White LED Boost Converter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP2537 Datasheet(HTML) 1 Page - Eutech Microelectronics Inc

  EUP2537 Datasheet HTML 1Page - Eutech Microelectronics Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EUP2537
DS2537
Ver1.1
Jan. 2013
1
bkf
10 White LED Boost Converter
with PWM Dimming
DESCRIPTION
The EUP2537 is a constant current step-up converter
specifically designed to drive white LEDs. With a 45V
rated integrated switch FET, the step-up converter
supports up to 10 white LEDs in series connection, so
the LED currents are identical for uniform brightness.
The boost converter runs at 1.0MHz fixed switching
frequency with 1.3A switch current limit, and allows
for the use of a high brightness LED in general lighting.
The maximum white LED current is set with the
external sensor resistor RFB, and the feedback voltage is
regulated to 200mV, as shown in the typical application.
During the operation, the LED current can be
controlled through the EN pin with a 8KHz or higher
frequency PWM dimming signal on EN pin, EUP2537
operates in PWM dimming mode, which the duty cycle
determines
the
feedback
reference
voltage.
The
EUP2537 does not generate audible noises on the
output capacitor. For the protection, the EUP2537
provides 41.5V OVP to prevent damage from LED
open.
The EUP2537 is available in low profile TSOT23-6
package.
Typical Application Circuit
FEATURES
2.6V to 5.5V Input Range
41.5V Output Over Voltage Protection
Internal Soft-Start
Internal Compensation
External PWM Dimming with 8KHz - 100KHz
Frequency Range
Internal 45V N-FET
1MHz Fixed Switching Frequency
Over Voltage Protection
Over Thermal Protection
VIN Under Voltage LockOut
Available in TSOT23-6 Package
RoHS Compliant and 100% Lead (Pb)-Free
Halogen-Free
APPLICATIONS
Mobile Phones
GPS Navigation Systems
Portable Media Players
Handheld Devices, Digital Camera
Portable Game Machines
Figure 1.
White LED Application


Similar Part No. - EUP2537

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP2538 EUTECH-EUP2538 Datasheet
264Kb / 11P
10X2 Strings WLED Boost Converter
EUP2538JIR1 EUTECH-EUP2538JIR1 Datasheet
264Kb / 11P
10X2 Strings WLED Boost Converter
EUP2539 EUTECH-EUP2539 Datasheet
236Kb / 11P
10 White LED Boost Converter In Thin TSOT-23 Package
More results

Similar Description - EUP2537

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT37 CATALYST-CAT37 Datasheet
168Kb / 13P
CMOS White LED Driver Boost Converter
CAT4137 CATALYST-CAT4137 Datasheet
302Kb / 14P
CMOS Boost Converter - White LED Driver
logo
Texas Instruments
CAT37 TI-CAT37_08 Datasheet
248Kb / 13P
CMOS White LED Driver Boost Converter
logo
ON Semiconductor
CAT37TDI-T3 ONSEMI-CAT37TDI-T3 Datasheet
187Kb / 13P
CMOS White LED Driver Boost Converter
Doc. No. MD-5005 Rev. V
CAT4137TD-T3 ONSEMI-CAT4137TD-T3 Datasheet
251Kb / 16P
CMOS Boost Converter - White LED Driver
Doc. No. MD-5012 Rev. C
CAT37 ONSEMI-CAT37 Datasheet
149Kb / 11P
CMOS White LED Driver Boost Converter
February, 2010 ??Rev. 21
CAT4137 ONSEMI-CAT4137 Datasheet
179Kb / 16P
CMOS Boost Converter - White LED Driver
February, 2010 ??Rev. 2
CAT4137 ONSEMI-CAT4137_11 Datasheet
170Kb / 15P
CMOS Boost Converter - White LED Driver
November, 2011 ??Rev. 3
logo
Copal Electronics
AN32 COPAL-AN32 Datasheet
124Kb / 7P
10-LED Boost Converter
logo
Eutech Microelectronics...
EUP2961A EUTECH-EUP2961A Datasheet
69Kb / 1P
White LED Boost Converter with PWM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com