Electronic Components Datasheet Search
  English  ▼

X  

EUP3611 Datasheet(PDF) 1 Page - Eutech Microelectronics Inc

Part # EUP3611
Description  1A Charge Pump LED Driver
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP3611 Datasheet(HTML) 1 Page - Eutech Microelectronics Inc

  EUP3611 Datasheet HTML 1Page - Eutech Microelectronics Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EUP3611
DS3611
Ver1.0
May 2014
1
1A Charge Pump LED Driver
DESCRIPTION
The EUP3611 is a large-current charge pump designed
specifically for white LEDs used in camera flash
applications. Only one small bucket capacitor is
required to develop the output drive, providing a low
EMI
solution
compared
with
inductive
boost
regulators.
The EUP3611 has two operation modes: Flash mode
and Movie mode. In Flash mode, the EUP3611 is
capable of delivering up to 1A. A safety timer is also
included to ensure the LED can not be on indefinitely
and overheat.
The EUP3611 is available in a 10-pin TDFN and
WCSP-12 packages.
Typical Application Circuit
FEATURES
Flash mode - output current up to 1A at
VIN=3.6V
Flash and movie - two selectable modes
Built in flash mode safety timer protection
1X and 2X automatic mode for high efficiency
Input range – 2.7V to 5.5V
External flash control pin for synchronization to
a camera module or graphics controller
Short-circuit, over-voltage, over-current and
over-temperature protection
Soft-start functionality
3mm
×3mm TDFN-10 and 1.2mm×1.6mm
WCSP-12 Packages
RoHS compliant and 100% lead (Pb)-free
Halogen-Free
APPLICATIONS
Mobile Camera Phones
Digital Cameras
PDAs with Built-In Cameras
Figure 1.


Similar Part No. - EUP3611

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3618 EUTECH-EUP3618 Datasheet
369Kb / 1P
   Charge Pump Flash LED Driver with Safety Timer
More results

Similar Description - EUP3611

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM901F-SERIES ELM-ELM901F-SERIES Datasheet
1Mb / 11P
   1A 2x Charge Pump LED Driver
logo
ELM Technology Corporat...
ELM901FAA-S ELM-TECH-ELM901FAA-S Datasheet
1Mb / 11P
   1A 2x Charge Pump LED Driver
logo
ELM Electronics
ELM901F ELM-ELM901F Datasheet
1Mb / 11P
   1A 2x Charge Pump LED Driver
logo
Lowpower Semiconductor ...
LP3367 POWER-LP3367 Datasheet
730Kb / 10P
   1A Buck/Boost Charge Pump LED Driver
logo
Shenzhen Huazhimei Semi...
HM3251 HMSEMI-HM3251 Datasheet
425Kb / 8P
   1A Buck/Boost Charge Pump LED Driver
logo
ELM Technology Corporat...
ELM901FXA ELM-TECH-ELM901FXA Datasheet
1Mb / 11P
   Charge Pump LED Driver
logo
SG Micro Corp
SGM3140B SGMICRO-SGM3140B Datasheet
431Kb / 14P
   Charge Pump LED Driver
SGM3141 SGMICRO-SGM3141 Datasheet
385Kb / 14P
   Charge Pump LED Driver
SGM3140 SGMICRO-SGM3140 Datasheet
918Kb / 14P
   Charge Pump LED Driver
SGM3141B SGMICRO-SGM3141B Datasheet
398Kb / 14P
   Charge Pump LED Driver
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com