Electronic Components Datasheet Search
  English  ▼

X  

XD9057 Datasheet(PDF) 1 Page - Eutech Microelectronics Inc

Part # XD9057
Description  High Voltage LED Lighting Driver
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

XD9057 Datasheet(HTML) 1 Page - Eutech Microelectronics Inc

  XD9057 Datasheet HTML 1Page - Eutech Microelectronics Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
XD9057
Ver 1.0
June 2014
1
XD9057
High Voltage LED Lighting Driver
DESCRIPTION
XD9057 is an LED driver with high voltage switches which
can be powered directly from the 110V/220V AC Mains.
With the internal dual negative feedback mechanism, the
average current of the LED does not vary with changes in
external parameters like temperature and the input voltage.
It performances high PF, high efficiency, and extra low EMI
spikes at the same time. The output power can be adjusted
by an external resistor. XD9057 features high-precision zero
temperature coefficient of the reference voltage, over
voltage protection, over temperature protection, under
voltage lockout and other functions. It has significant
advantages in the applications of tube light, ceiling light,
and etc..
FEATURES
Driven directly from AC lines, power 7W-15W LED.
High performance in Power factor (>0.95) with high
efficiency.
Optimized EMI characteristics eliminate additional
EMI filter components.
Zero temperature coefficients LED current.
Special feedback mechanisms keep the luminance of
LED stable in ± 10% (RMS) AC voltage tolerance.
Output power adjustable by sole external resistor.
Over voltage / Over temperature protection, under
voltage lock-out.
Built-in analog dimming function
Better heat sink capacity and high-reliability for the
TSSOP-16 (EP) package.
RoHS compliant and 100% lead (Pb) free
Halogen free.
Typical Application Circuit
Figure. 1 Typical Application Diagram


Similar Part No. - XD9057

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XD9242 TOREX-XD9242 Datasheet
2Mb / 30P
   2A Synchronous Step-Down DC/DC Converters
XD9243 TOREX-XD9243 Datasheet
2Mb / 30P
   2A Synchronous Step-Down DC/DC Converters
XD9260 TOREX-XD9260 Datasheet
1Mb / 27P
   COT Control, 1.5A Synchronous Step-Down DC/DC Converters
XD9261 TOREX-XD9261 Datasheet
1Mb / 27P
   COT Control, 1.5A Synchronous Step-Down DC/DC Converters
XD9263 TOREX-XD9263 Datasheet
1Mb / 28P
   18V Operation 500mA Synchronous Step-Down DC/DC Converters
More results

Similar Description - XD9057

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31LT3918 ISSI-IS31LT3918 Datasheet
270Kb / 11P
   HIGH VOLTAGE LED LIGHTING DRIVER WITH SWITCH DIMMING
IS31LT3918-GRLS2 ISSI-IS31LT3918-GRLS2 Datasheet
270Kb / 11P
   HIGH VOLTAGE LED LIGHTING DRIVER WITH SWITCH DIMMING
logo
Phihong USA Inc.
PDA072X-24VG PHIHONG-PDA072X-24VG Datasheet
154Kb / 3P
   72W Constant Voltage LED Driver Outdoor Lighting
PDA080X-48VG PHIHONG-PDA080X-48VG Datasheet
156Kb / 3P
   80W Constant Voltage LED Driver Outdoor Lighting
PDA125X-24VF PHIHONG-PDA125X-24VF Datasheet
154Kb / 3P
   125W Constant Voltage LED Driver Outdoor Lighting
logo
Shenzhen Huazhimei Semi...
HM9928 HMSEMI-HM9928 Datasheet
340Kb / 5P
   LED Emergency Lighting driver
logo
Shanghai SincereTek Mic...
QW2886 SINCERETEK-QW2886 Datasheet
258Kb / 5P
   LED Emergency Lighting driver
2018-09
logo
First Silicon Co., Ltd
FC1350 FS-FC1350 Datasheet
136Kb / 3P
   350mA LED Lighting Driver
FC1360 FS-FC1360 Datasheet
149Kb / 7P
   1A LED Lighting Driver
logo
Union Semiconductor, In...
UM1350 UNIONSEMI-UM1350 Datasheet
339Kb / 15P
   350mA, LED Lighting Driver
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com