Electronic Components Datasheet Search
  English  ▼

X  

DCM3414X75H31C2YZZ Datasheet(PDF) 3 Page - Vicor Corporation

Part # DCM3414X75H31C2YZZ
Description  ZVS high frequency switching
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

DCM3414X75H31C2YZZ Datasheet(HTML) 3 Page - Vicor Corporation

  DCM3414X75H31C2YZZ Datasheet HTML 1Page - Vicor Corporation DCM3414X75H31C2YZZ Datasheet HTML 2Page - Vicor Corporation DCM3414X75H31C2YZZ Datasheet HTML 3Page - Vicor Corporation DCM3414X75H31C2YZZ Datasheet HTML 4Page - Vicor Corporation DCM3414X75H31C2YZZ Datasheet HTML 5Page - Vicor Corporation DCM3414X75H31C2YZZ Datasheet HTML 6Page - Vicor Corporation DCM3414X75H31C2YZZ Datasheet HTML 7Page - Vicor Corporation DCM3414X75H31C2YZZ Datasheet HTML 8Page - Vicor Corporation DCM3414X75H31C2YZZ Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
1
2
4
+IN
+OUT
TOP VIEW
DCM in a VIA package - Chassis Mount
3
–OUT
–IN
5 VDDE
6 EN
7 TR
8 –SENSE
9 +SENSE
2
1
3
–IN
–OUT
TOP VIEW
DCM in a VIA package - PCB Mount
4
+OUT
+IN
9 +SENSE
8 –SENSE
7 TR
6 EN
5 VDDE
Pin Configuration
Pin Descriptions
Pin
Number
Signal Name
Type
Function
1
+IN
INPUT POWER
Positive input power terminal
2
–IN
INPUT POWER
RETURN
Negative input power terminal
3
+OUT
OUTPUT POWER
Positive output power terminal
4
–OUT
OUTPUT POWER
RETURN
Negative output power terminal
5
VDDE
POWER INPUT
External power supply for internal controller
6
EN
CONTROL INPUT
Enables and disables DCM. Needs VDDE preapplied
7
TR
CONTROL INPUT
Enables and disables trim functionality. Adjusts output voltage when trim active.
8
–SENSE
CONTROL INPUT
Negative sense pin, required for Remote Sense Operation. In Local Sense
Operation, it can be tied directly to –OUT to achieve better regulation accuracy.
9
+SENSE
CONTROL INPUT
Positive sense pin, required for Remote Sense Operation. In Local Sense
Operation, it can be tied directly to +OUT to achieve better regulation accuracy.
Note: All control inputs (EN, TR, –SENSE, +SENSE) are referenced to the secondary of the DCM and isolated from the primary.
DCM3414x75H31C2yzz
DCMin a VIA Package
Rev 1.0
vicorpower.com
Page 3 of 22
01/2017
800 927.9474
Note: The dot on the VIA housing indicates the location of the control pin 9 (+SENSE pin).


Similar Part No. - DCM3414X75H31C2YZZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
DCM3414X75H31C2YZZ VICOR-DCM3414X75H31C2YZZ Datasheet
3Mb / 22P
Isolated, Regulated DC Converter
DCM3414X75H31C2YZZ VICOR-DCM3414X75H31C2YZZ_17 Datasheet
3Mb / 22P
Isolated, Regulated DC Converter
More results

Similar Description - DCM3414X75H31C2YZZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BIT3105 ETC-BIT3105 Datasheet
200Kb / 8P
High Efficiency ZVS CCFL Controller
BIT3106 ETC-BIT3106 Datasheet
227Kb / 9P
High Efficiency Dual ZVS CCFL Controller
logo
Rohm
RN141G ROHM-RN141G Datasheet
121Kb / 3P
High frequency switching
logo
JILIN SINO-MICROELECTRO...
3CG3906 JSMC-3CG3906 Datasheet
205Kb / 6P
High frequency switching power supply
logo
Vicor Corporation
DCM3623X50M17C2YZZ VICOR-DCM3623X50M17C2YZZ Datasheet
1Mb / 25P
ZVS high frequency switching
DCM3623X50M53C2YZZ VICOR-DCM3623X50M53C2YZZ Datasheet
1Mb / 25P
ZVS high frequency switching
PI3303-00-EVAL1 VICOR-PI3303-00-EVAL1 Datasheet
2Mb / 42P
Cool-Power짰 ZVS Switching Regulators
PI3545-00-EVAL1 VICOR-PI3545-00-EVAL1 Datasheet
1Mb / 39P
Cool-Power짰 ZVS Switching Regulators
PI3749-00-EVAL1 VICOR-PI3749-00-EVAL1 Datasheet
818Kb / 26P
Cool-Power짰 ZVS Switching Regulators
logo
Inchange Semiconductor ...
IPD053N08N3 ISC-IPD053N08N3 Datasheet
336Kb / 2P
High frequency switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com