Electronic Components Datasheet Search
  English  ▼

X  

STM32L476RC Datasheet(PDF) 208 Page - STMicroelectronics

Part # STM32L476RC
Description  Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 1MB Flash, 128 KB SRAM, USB OTG FS, LCD, analog, audio
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L476RC Datasheet(HTML) 208 Page - STMicroelectronics

Back Button STM32L476RC Datasheet HTML 204Page - STMicroelectronics STM32L476RC Datasheet HTML 205Page - STMicroelectronics STM32L476RC Datasheet HTML 206Page - STMicroelectronics STM32L476RC Datasheet HTML 207Page - STMicroelectronics STM32L476RC Datasheet HTML 208Page - STMicroelectronics STM32L476RC Datasheet HTML 209Page - STMicroelectronics STM32L476RC Datasheet HTML 210Page - STMicroelectronics STM32L476RC Datasheet HTML 211Page - STMicroelectronics STM32L476RC Datasheet HTML 212Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 232 page
background image
Package information
STM32L476xx
208/232
DocID025976 Rev 4
7
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
7.1
LQFP144 package information
Figure 49. LQFP144 - 144-pin, 20 x 20 mm low-profile quad flat package outline
1. Drawing is not to scale.